Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP60333 Datasheet(PDF) 1 Page - CUI Devices

Part # CP60333
Description  PELTIER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CP60333 Datasheet(HTML) 1 Page - CUI Devices

  CP60333 Datasheet HTML 1Page - CUI Devices CP60333 Datasheet HTML 2Page - CUI Devices CP60333 Datasheet HTML 3Page - CUI Devices CP60333 Datasheet HTML 4Page - CUI Devices CP60333 Datasheet HTML 5Page - CUI Devices CP60333 Datasheet HTML 6Page - CUI Devices CP60333 Datasheet HTML 7Page - CUI Devices CP60333 Datasheet HTML 8Page - CUI Devices CP60333 Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
date 08/05/2022
page 1 of 11
SERIES: CP60 | DESCRIPTION: PELTIER MODULE
cuidevices.com
FEATURES
• solid state device
• precise temperature control
• quiet operation
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP60133
3.8
6.0
0.50
12.2
13.6
66
72
CP60233
8.6
6.0
1.20
27.9
31.2
66
72
CP60333
15.4
6.0
2.20
50.5
56.5
66
72
CP60140
2.1
6.0
0.29
7.1
7.9
68
75
CP60240
3.8
6.0
0.53
13.0
14.5
68
75
CP60301540
4.2
6.0
0.57
14.5
16.1
68
75
CP60340
8.6
6.0
1.21
29.0
32.4
68
75
CP60440
15.4
6.0
2.17
53.0
59.3
68
75
Notes:
1. Maximum voltage at
ΔT max and T
h=27°C
2. Maximum current to achieve
ΔT max
3. Measured by AC 4-terminal method at 25°C
4. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
5. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
Additional Resources: Product Page | 3D Model


Similar Part No. - CP60333

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP60333 CUI-CP60333 Datasheet
142Kb / 3P
PELTIER MODU LE
CP60333 CUI-CP60333 Datasheet
547Kb / 11P
PELTIER MODULE
logo
Same Sky Devices
CP60333 SAMESKY-CP60333 Datasheet
510Kb / 11P
PELTIER MODULE
09/12/2024
More results

Similar Description - CP60333

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com