Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-878731-58 Datasheet(PDF) 1 Page - CUI Devices

Part # CSS-878731-58
Description  SPEAKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CSS-878731-58 Datasheet(HTML) 1 Page - CUI Devices

  CSS-878731-58 Datasheet HTML 1Page - CUI Devices CSS-878731-58 Datasheet HTML 2Page - CUI Devices CSS-878731-58 Datasheet HTML 3Page - CUI Devices CSS-878731-58 Datasheet HTML 4Page - CUI Devices CSS-878731-58 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 08/05/2022
page 1 of 5
MODEL: CSS-878731-58 | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 5 W rated power
• 8 ohm rated impedance
• 95 dB at 1 W
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
5.0
8.0
W
impedance
at 1.0 kHz, 1.0 V
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V
440
550
660
Hz
frequency response
Fo
10,000
Hz
sound pressure level
at 1.0 W, 50 cm, at 1.0 kHz in baffleboard
at 5.0 W, 50 cm, at 1.0 kHz in baffleboard
92
98
95
101
98
104
dB
dB
distortion
at 1.0 kHz, 1 W
8
%
buzz, rattle, etc.
must be normal at sine wave, frequency range between
Fo~2 kHz
6.32
V
polarity
cone moves forward w/ positive dc current to “+” terminal
dimensions
87 x 87 x 31.5
mm
magnet
ferrite
frame material
SPCC
cone material
PET
terminal
solder terminals
weight
225
250
275
g
operating temperature
-20
60
°C
storage temperature
-25
70
°C
hand soldering
for maximum 3 seconds
380
°C
RoHS
yes
Notes:
1. All specifications measured at 15~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CSS-878731-58

ManufacturerPart #DatasheetDescription
logo
CUI INC
CSS-878731-58 CUI-CSS-878731-58 Datasheet
592Kb / 5P
SPEAKER
07/16/2020
More results

Similar Description - CSS-878731-58

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com