Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC03 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC03
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03 Datasheet(HTML) 8 Page - NXP Semiconductors

  74HC03 Datasheet HTML 1Page - NXP Semiconductors 74HC03 Datasheet HTML 2Page - NXP Semiconductors 74HC03 Datasheet HTML 3Page - NXP Semiconductors 74HC03 Datasheet HTML 4Page - NXP Semiconductors 74HC03 Datasheet HTML 5Page - NXP Semiconductors 74HC03 Datasheet HTML 6Page - NXP Semiconductors 74HC03 Datasheet HTML 7Page - NXP Semiconductors 74HC03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
December 1990
8
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
APPLICATION INFORMATION
Notes to Figs 9 and 10
If VP − VCC (R) > 0.5 V a positive current will flow into the receiver (as described in the “USER GUIDE”; input/output
protection), this will not affect the receiver provided the current does not exceed 20 mA. At VCC < 4.5 V, RON (max) is not
guaranteed; RON(max) can be estimated using Figs 33 and 34 in the “USER GUIDE”.
Note to Application information
All values given are typical unless otherwise specified.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.9 Pull-up configuration.
(b)
(a)
(1) RON(max) = 0.26 V / 4 mA = 65 Ω (at 25 °C)
Fig.10 Minimum resistive load as a function of the pull-up voltage.
(1) VCC (R) = 2.0 V; VIL = 0.5 V.
(2) VCC (R) = 5.0 V; VIL = 0.8 V.
(3) VCC (R) = 4.5 V; VIL = 1.35 V.
(4) VCC (R) = 6.0 V; VIL = 1.8 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com