Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPE-267 Datasheet(PDF) 1 Page - CUI Devices

Part # CPE-267
Description  AUDIO KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CPE-267 Datasheet(HTML) 1 Page - CUI Devices

  CPE-267 Datasheet HTML 1Page - CUI Devices CPE-267 Datasheet HTML 2Page - CUI Devices CPE-267 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/26/2022
page 1 of 3
MODEL: CSK-AUDIO-001 | DESCRIPTION: AUDIO KIT
cuidevices.com
FEATURES
• Speakers
◦ IP67 rated face
◦ micro speaker
• Microphones
◦ IP67 rated face
◦ omnidirectional
◦ high AOP of 130 dB
• Buzzers
◦ IP67 rated
◦ piezo
◦ externally driven
SPEAKERS
QTY
contact method
input power
impedance
SPL
resonant
frequency
dimensions
typ
(W)
typ
(Ω)
min
(dB)
typ
(Hz)
typ
(mm)
CMS-151125-076S-67
4
Spring Contact
0.7
6
92.5
550 ± 110
15 x 11 x 2.5
CMS-151125-078SP-67
4
Solder Pad
0.7
8
91
700 ± 140
15 x 11 x 2.5
CMS-151125-078S-67
4
Spring Contact
0.7
8
91
700 ± 140
15 x 11 x 2.5
CMS-15113-076SP-67
4
Solder Pad
0.7
6
92
600 ± 120
15 x 11 x 3
CMS-15113-078SP-67
4
Solder Pad
0.7
8
91
700 ± 140
15 x 11 x 3
CMS-151135-076S-67
4
Spring Contact
0.7
6
92
600 ± 120
15 x 11 x 3
CMS-160925-078SP-67
4
Solder Pad
0.7
8
90
550 ± 110
16 X 9 2.5
CMS-160925-078S-67
4
Spring Contact
0.7
8
90
550 ± 110
16 X 9 2.5
CMS-16093-076S-67
4
Spring Contact
0.7
6
90
600 ± 120
16 x 9 x 3
CMS-16093-078L100-67
4
Wire Leads
0.7
8
90
550 ± 110
16 x 9 x 3
CMS-181325-078SP-67
4
Solder Pad
0.7
8
93
800 ± 160
18 x 13 x 2.5
CMR-12062S-67
4
Spring Contact
0.020
32
117
450 ± 90
12 x 6 x 2
MICROPHONES QTY
directivity
sensitivity
operating
voltage
current
consumption
terminal
dimensions
typ
(dB)
typ
(Vdc)
max
(mA)
typ
(mm)
CMC-4015-130T
4
Omnidirectional
-42
2
0.5
Solder Pad
Ø4.0 x 1.5
CME-1538-100LB
4
Omnidirectional
-38
2
0.5
Wire Lead
Ø4.0 x 1.5
CMC-4015-25L100
4
Omnidirectional
-25
3
0.5
Wire Lead
Ø4.0 x 1.5
BUZZERS
QTY
operating
voltage
current
consumption
rated frequency
SPL @ 10 cm
terminal
dimensions
max
(mA)
typ
(Hz)
min
(dB)
typ
(mm)
CPT-1495C1-300
4
30 Vp-p
12
4250
84
Pin Type
Ø4.0 x 10
CPE-267
2
12 Vdc
35
2800 ± 500
85
Wire Lead
Ø25 x 16
CPE-243
4
12 Vdc
35
5000 ± 500
80
Wire Lead
Ø4.0 x 10
Additional Resources: Product Page


Similar Part No. - CPE-267

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
483Kb / 3P
PIEZO BUZZER INDICATOR
11/15/2019
logo
CUI Devices
CPE-267 CUID-CPE-267 Datasheet
463Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
logo
CUI INC
CPE-267 CUI-CPE-267_V01 Datasheet
483Kb / 3P
PIEZO BUZZER INDICATOR
11/15/2019
More results

Similar Description - CPE-267

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K139 ETC-K139 Datasheet
26Kb / 2P
DIY Kit 139. Stereo 1W audio amplifier with DC volume control
logo
Advantech Co., Ltd.
PV-2200E ADVANTECH-PV-2200E Datasheet
101Kb / 1P
Full-Motion H.264 Digital Video and Audio Surveillance Kit 16 Channel
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Texas Instruments
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
Kit
logo
STMicroelectronics
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
Audio hub demonstration kit supporting the MP45DT02
22-Mar-2013
logo
Tripp Lite. All Rights ...
A050-000-ST-KJ TRIPPLITE-A050-000-ST-KJ Datasheet
168Kb / 2P
RCA Female Audio to Screw Terminal Keystone Jack Kit, Red/White
logo
IOGEAR
GVE600W6 IOGEAR-GVE600W6 Datasheet
146Kb / 2P
DVI Video Extender Kit (CAT 5e/6) with Audio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com