Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R430P-03A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R430P-03A2E
Description  LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R430P-03A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R430P-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R430P-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
AIMB-787
LGA1200 10th Generation Intel® Core™
i9/i7/i5/i3 & Pentium®/Celeron® ATX
with DP/DVI/VGA, DDR4, USB 3.2, M.2
ƒ
Intel® 10th generation Core™ i9/i7/i5/i3 & Pentium®/Celeron® processor with
Q470E chipset
ƒ
Four DIMM sockets up to 128 GB DDR4 2933
ƒ
Triple display DP/DVI-D/VGA and dual GbE LAN
ƒ
M.2, SATA RAID 0, 1, 5, 10, USB 3.2
ƒ
Supports Intel vPro, AMT & TPM technologies
ƒ
Advantech iBMC remote out-of-band power management solution on
DeviceOn
Note 1: dTPM 2.0 module is required to enable Intel vPro and TPM technologies.
Note 2: Legacy platform is not supported.
Note 3: Intel® Platform Trust Technology (Intel® PTT) ready for Windows 11.
Specifications
Processor System
CPU
i9-10900K
i9-10900E
i9-10900TE i7-10700E
i7-10700TE i5-10500E
i5-10500TE i3-10100E
i3-10100TE G6400E
G6400TE G5900E
G5900TE
Base Frequency
3.7 GHz
2.8 GHz
1.8 GHz
2.9 GHz
2.0 GHz
3.1 GHz
2.3 GHz
3.2 GHz
2.3 GHz
3.8 GHz
3.2 GHz
3.2 GHz
3.0 GHz
L3 Cache
20 MB
20 MB
20 MB
16 MB
16 MB
12 MB
12 MB
6 MB
6 MB
4 MB
4 MB
2 MB
2 MB
Cores
10
10
10
8
8
6
6
4
4
2
2
2
2
TDP
125W
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
65 W
35 W
Socket
LGA1200
Chipset
Q470E
BIOS
AMI 256 Mbit SPI
Expansion Slot
PCI
2 (32-bit/33 MHz)
PCIe x4 (Gen 3)
4 (3 x link x4, 1 x link x1)
PCIe x16 (Gen 3)
1
Memory
Technology
Dual Channel (Non-ECC) DDR4 2400/2666/2933
Max. Capacity
128 GB
Socket
4 x 288-pin DIMM
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I219-LM, GbE LAN2: Intel I210-AT (iBMC supported)
Connector
2 x RJ-45
SATA
Max Data Transfer Rate 600 MB/s
Channel
4
RAID
0,1,5,10
Rear I/O
VGA
1 (Resolution up to 1920 x 1200 @ 60 Hz)
DVI-D
1 (Resolution up to 1920 x 1200 @ 60 Hz)
DisplayPort
1 (Resolution up to 4096 x 2304 @ 60 Hz)
Ethernet
2
USB
8 (2 x USB 3.2 Gen 2, 2 x USB 3.2 Gen 1, 4 x USB 2.0)
Audio
2 (Line-out, Mic-in)
Serial
1 (RS-232)
Internal Connectors
USB
6 (2 x USB 3.2 Gen 1 via header, 2 x USB 2.0 via header, 2 x USB 2.0 Type-A connector)
Serial
5 (4 x RS-232, 1 x RS-232/422/485)
SATA
4
M.2
1 (PCIe x4 M-key 2280 type)
LPC
1 (Optional dTPM 2.0 module available)
GPIO
8-bit
PS/2 KB/Mouse
1 (Optional PS/2 KB/Mouse Cable is required)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
Intel Core i5-10500E; DDR4 32 GB x 4
Voltage
+12V
+5V
+3.3V
+5Vsb
-12V
Current
7.58A
1.92A
0.87A
0.14A
0.08A
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F), depends on CPU speed and system thermal solution
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
40 °C @ 95% RH Non-condensing
60 °C @ 95% RH Non-condensing
Physical
Characteristics
Dimensions (L x H)
304.8 x 244 mm (12" x 9.6")
Note: A 8-pin 12V CPU power plug connected to MB's CPU 12V connector is required to support i9-10900K CPU. Core i9-10900K has no long life time due to not belong to embedded segment.
DDR4 2400/2666/2933
RS-232/422/485
RS-232
USB 2.0
PCI
PCIe x4 (x1 link)
PCIe x16
PCIe x4
USB Type-A
SATA 3.0
USB 3.2 Gen 1
Intel LGA1200
Core i9/i7/i5/i3
Intel Q470E PCH
LAN
USB 3.2 Gen 1
LAN
USB 3.2 Gen 2
VGA
DVI-D
USB 2.0
M.2
Audio
iBMC controller
COM
DP
All product specifications are subject to change without notice.
Last updated: 4-Jan-2023


Similar Part No. - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
More results

Similar Description - AIMB-R430P-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5032 ADVANTECH-PCE-5032 Datasheet
820Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3/Pentium/Celeron System Host Board with DDR4, SATA 3.0, USB 3.2, Dual GbE, and Dual Displays
21-Jun-2021
AIMB-705 ADVANTECH-AIMB-705 Datasheet
680Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with DVI/ VGA, DDR4, SATA III, USB 3.0 & 6 COMs
3-Jan-2023
AIMB-706 ADVANTECH-AIMB-706 Datasheet
594Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, SATA 3.0, USB 3.1 & 6 COMs
3-Jan-2023
AIMB-707 ADVANTECH-AIMB-707 Datasheet
715Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
AIMB-788 ADVANTECH-AIMB-788 Datasheet
593Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
3-Jan-2023
PCE-5132 ADVANTECH-PCE-5132 Datasheet
576Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/ i7/i5/i3/Pentium/Celeron System Host Board with DDR4, SATA 3.0, USB 3.2, M.2, Dual GbE, and Triple Displays
21-Apr-2022
PCE-7132 ADVANTECH-PCE-7132 Datasheet
608Kb / 2P
LGA1200 10th Generation Intel® Xeon® W/Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR4, SATA 3.0, USB 3.2, M.2, Dual GbE, and Triple Displays
21-Apr-2022
logo
AAEON Technology
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
GENESYS-CML5 AAEON-GENESYS-CML5 Datasheet
476Kb / 2P
3.5” SubCompact Board System with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor SoC
2022/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com