Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMB-R4301-03A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R4301-03A2E
Description  LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 ATX Motherboard with DP/HDMI/VGA, DDR4, USB 3.2, M.2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R4301-03A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R4301-03A2E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-R4301-03A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
AIMB-788
LGA1700 12th Generation Intel® Core™
i9/i7/i5/i3 ATX Motherboard with
DP/HDMI/VGA, DDR4, USB 3.2, M.2
ƒ
Intel® 12th generation Core™ i9/i7/i5/i3 & Pentium®/Celeron® processor with
Q670E chipset
ƒ
Four DIMM sockets up to 128 GB DDR4 3200
ƒ
Triple display DP/HDMI/VGA and dual GbE LAN
ƒ
M.2, SATA RAID 0, 1, 5, 10, USB 3.2 Gen 2
ƒ
Supports Intel vPro, AMT & TPM technologies
ƒ
Advantech iBMC remote out-of-band power management solution on DeviceOn
Note 1: Legacy platform is not supported.
Note 2: dTPM 2.0 module is required to enable Intel vPro and TPM technologies.
Note 3: Intel® Platform Trust Technology (Intel® PTT) ready for Windows 11.
Specifications
Processor System
CPU
i9-
12900(E)
i9-
12900TE
i7-
12700(E)
i7-
12700TE
i5-
12500(E)
i5-12400
i5-
12500TE
i3-
12100(E)
i3-
12100TE
Pentium
G7400E
Pentium
G7400TE
Celeron
G6900E
Celeron
G6900TE
P-core Base
Frequency
2.4 GHz
1.1 GHz
2.1 GHz
1.4 GHz
3.0 GHz
2.5 GHz
1.9 GHz
3.3 GHz
2.1 GHz
3.6 GHz
3.0 GHz
3.0 GHz
2.4 GHz
L3 Cache
30 MB
30 MB
25 MB
25 MB
18 MB
18 MB
18 MB
12 MB
12 MB
6 MB
6 MB
4 MB
4 MB
Cores
16
16
12
12
6
6
6
4
4
2
2
2
2
Processor Base
Power
65W
35W
65W
35W
65W
65W
35W
60W
35W
46W
35W
46W
35W
Socket
LGA 1700
Chipset
Q670E
BIOS
AMI 256MB SPI Flash
Expansion Slot
PCI
2
PCIe x4 (Gen 3)
3
PCIe x8 (Gen 3)
1 (x4 link)
PCIe x16 (Gen 4)*
1
Memory
Technology
Dual Channel DDR4 3200 Non-ECC UDIMM
Max Capacity
128 GB
Sockets
4 x 288-pin DIMM
Graphics
Controller
Chipset integrated Intel UHD Graphics
VRAM
Shares system memory is subjected to OS
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I219-LM (PHY); GbE LAN2: Intel I210-AT
Connector
2 x RJ-45
SATA
Max. Data Transfer
Rate
600 MB/s
Channel
4
RAID
0, 1, 5, 10
Rear I/O
VGA
1 (Resolution up to 1920 x 1200 @ 60Hz)
HDMI
1 (Resolution up to 3840 x 2160 @ 60Hz)
DisplayPort
1 (Resolution up to 4096 x 2304 @ 60Hz)
Ethernet
2
USB
8 (2 x USB 3.2 Gen 2, 2 x USB 3.2 Gen 1, 4 x USB 2.0)
Audio
2 (Line-out, Mic-in)
Serial
1 (RS-232)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power
Requirement
Power On
Intel Core i 65W , DDR4 32 GB x 4
Voltage
+3.3 V
+5 V
+12 V
+5 Vsb
-12 V
-5 V
Current
1.41 A
2.42 A
9.3 A
0.13 A
0.04 A
0.05 A
Internal
Connectors
USB
6 (2 x USB 3.2 Gen 1 via pin header, 2 x USB 2.0 via pin header, 2 x USB 2.0 type A connector)
Serial
5 (4 x RS-232, 1 x RS-232/422/485)
SATA
4
M.2
1 (PCIex4 M-key 2280 type)
SPI
1 (Optional dTPM 2.0 module available)
GPIO
8-bit
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F), depends on CPU loading and system thermal solution
-40 ~ 85 °C
Humidity
95%@ 40 °C, non-condensing
95% @ 60 °C, non-condensing
Physical
Characteristics
Dimension (L x H)
304.8 x 244 mm (12" x 9.6")
* The PCIe x16 slot, from CPU, can only support graphic cards and storage cards according to the specification recommended by Intel. Other types of add-on cards might not work properly. For the compatible device list
validated on the PCIe x16 slot, please refer to the user manual.
SPI
DDR4 3200
USB 3.2 Gen 1
SATA 3.0
RS-232
RS-232/422/485
USB Type-A
USB 2.0
PCI
PCIe x16
PCIe x8 (x4 link)
PCIe x4
Intel Q670E PCH
M.2
RS-232
VGA
Intel LGA1700
Core i9/i7/i5/i3 CPU
DP
HDMI
USB 2.0
iBMC controller
LAN2
USB 3.2 Gen 1
LAN1
USB 3.2 Gen 1
Audio
All product specifications are subject to change without notice.
Last updated: 3-Jan-2023


Similar Part No. - AIMB-R4301-03A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R4301-03A2E ADVANTECH-AIMB-R4301-03A2E Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
AIMB-R4301-03A2E ADVANTECH-AIMB-R4301-03A2E Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
More results

Similar Description - AIMB-R4301-03A2E

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
IMB-M45H ADLINK-IMB-M45H Datasheet
761Kb / 2P
Industrial ATX Motherboard Intel Core i7/i5/i3 Processor
logo
Advantech Co., Ltd.
AIMB-287 ADVANTECH-AIMB-287 Datasheet
1Mb / 6P
Intel® Core™ i9/i7/i5/i3 LGA 1200 Intel® Core™ i9/i7/i5/i3 LGA 1200 Dual LAN, M.2, DDR4, DC Input
6-Jul-2021
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
AIMB-707 ADVANTECH-AIMB-707 Datasheet
715Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
PCE-5033 ADVANTECH-PCE-5033 Datasheet
562Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
PCE-5133 ADVANTECH-PCE-5133 Datasheet
567Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, M.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com