Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT03 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT03
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT03 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT03 Datasheet HTML 1Page - NXP Semiconductors 74HCT03 Datasheet HTML 2Page - NXP Semiconductors 74HCT03 Datasheet HTML 3Page - NXP Semiconductors 74HCT03 Datasheet HTML 4Page - NXP Semiconductors 74HCT03 Datasheet HTML 5Page - NXP Semiconductors 74HCT03 Datasheet HTML 6Page - NXP Semiconductors 74HCT03 Datasheet HTML 7Page - NXP Semiconductors 74HCT03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
December 1990
5
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”, except that the VOH values are
not valid for open drain. They are replaced by IOZ as given below.
Output capability: standard (open drain), excepting VOH
ICC category: SSI
Voltages are referenced to GND (ground = 0 V)
Note
1. The maximum operating output voltage (VO(max)) is 6.0 V.
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
74HC
UNIT
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max. min.
max.
IOZ
HIGH level output
leakage current
0.5
5.0
10.0
µA
2.0
to
6.0
VIL
VO =VO(max)(1)
or GND
SYMBOL PARAMETER
Tamb (°C)
TEST CONDITIONS
74HC
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPZL/
tPLZ
propagation delay
nA, nB to nY
28
10
8
95
19
16
120
24
20
145
29
25
ns
2.0
4.5
6.0
Fig.6
tTHL
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com