Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W764M32VESSB Datasheet(PDF) 13 Page - White Electronic Designs Corporation

Part # W764M32VESSB
Description  64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W764M32VESSB Datasheet(HTML) 13 Page - White Electronic Designs Corporation

Back Button W764M32VESSB Datasheet HTML 8Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 9Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 10Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 11Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 12Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 13Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 14Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 15Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 16Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W764M32V-XSBX
March 2006
Rev. 2
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS – ALTERNATE CS# CONTROLLED ERASE AND PROGRAM OPERATIONS
Parameter
Description
Speed Options
Unit
JEDEC
Std
100
120
tAVAV
tWC
Write Cycle Time (1)
Min
100
120
ns
tAVWL
tAS
Address Setup Time
Min
0
0
ns
tELAX
tAH
Address Hold Time
Min
45
50
ns
tDVEH
tDS
Data Setup Time
Min
45
50
ns
tEHDX
tDH
Data Hold Time
Min
0
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
0
ns
tWLEL
TWS
WE# Setup Time
Min
0
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
0
ns
tELEH
tCP
CS# Pulse Width
Min
35
35
ns
tEHEL
tCPH
CS# Pulse Width High
Min
30
30
ns
tWHWH1
tWHWH1
Programming Operation
Typ
60
6
µs
tWHWH1
tWHWH1
Accelerated Programming Operation
Typ
54
54
µs
tWHWH2
tWHWH2
Sector Erase Operation
Typ
0.5
05
sec
NOTE: 1. Not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com