Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC112 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC112
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC112 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC112 Datasheet HTML 4Page - NXP Semiconductors 74HC112 Datasheet HTML 5Page - NXP Semiconductors 74HC112 Datasheet HTML 6Page - NXP Semiconductors 74HC112 Datasheet HTML 7Page - NXP Semiconductors 74HC112 Datasheet HTML 8Page - NXP Semiconductors 74HC112 Datasheet HTML 9Page - NXP Semiconductors 74HC112 Datasheet HTML 10Page - NXP Semiconductors 74HC112 Datasheet HTML 11Page - NXP Semiconductors 74HC112 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1998 Jun 10
8
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
negative-edge trigger
74HC/HCT112
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
74HCT
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nCP to nQ
21
35
44
53
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
nCP to nQ
23
40
50
60
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
nRD to nQ, nQ
22
37
46
56
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
nSD to nQ, nQ
18
32
40
48
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
16
8
20
24
ns
4.5
Fig.6
tW
set or reset pulse width
LOW
18
10
23
27
ns
4.5
Fig.7
trem
removal time
nRD to nCP
20
11
25
30
ns
4.5
Fig.7
trem
removal time
nSD to nCP
20
−8
25
30
ns
4.5
Fig.7
tsu
set-up time
nJ, nK to nCP
16
7
20
24
ns
4.5
Fig.6
th
hold time
nJ, nK to nCP
0
−7
0
0
ns
4.5
Fig.6
fmax
maximum clock pulse
frequency
30
64
24
20
MHz
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com