Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC109D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC109D
Description  Dual JK flip-flop with set and reset; positive-edge trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC109D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC109D Datasheet HTML 1Page - NXP Semiconductors 74HC109D Datasheet HTML 2Page - NXP Semiconductors 74HC109D Datasheet HTML 3Page - NXP Semiconductors 74HC109D Datasheet HTML 4Page - NXP Semiconductors 74HC109D Datasheet HTML 5Page - NXP Semiconductors 74HC109D Datasheet HTML 6Page - NXP Semiconductors 74HC109D Datasheet HTML 7Page - NXP Semiconductors 74HC109D Datasheet HTML 8Page - NXP Semiconductors 74HC109D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1997 Nov 25
3
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
positive-edge trigger
74HC/HCT109
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 15
1RD, 2RD
asynchronous reset-direct input (active LOW)
2, 14, 3, 13
1J, 2J, 1K, 2K
synchronous inputs; flip-flops 1 and 2
4, 12
1CP, 2CP
clock input (LOW-to-HIGH, edge-triggered)
5, 11
1SD, 2SD
asynchronous set-direct input (active LOW)
6, 10
1Q, 2Q
true flip-flop outputs
7, 9
1Q, 2Q
complement flip-flop outputs
8
GND
ground (0 V)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com