Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPMI-2000 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPMI-2000
Description  IPMI-2000 IPMI Module, AST2600 Chipset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPMI-2000 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPMI-2000 Datasheet HTML 1Page - Advantech Co., Ltd. IPMI-2000 Datasheet HTML 2Page - Advantech Co., Ltd. IPMI-2000 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IPMI-2000 Startup Manual 1
Before you begin installing your card, please make sure that
the following items have been shipped:
1. IPMI-2000 module x 1
2. Startup manual x 1
P/N: 2042200000
3. Warranty Card x 1
P/N: 2190000902
4. VGA cable x 1
P/N: 1700020950-01
5. Post x 3
P/N: 1910003770-01
6. Screw x 6
P/N: 19350304A0
If any of these items are missing or damaged, please con-
tact your distributor or sales representative immediately.
IPMI-2000
IPMI Module, AST2600 Chipset
Startup Manual
General Features
• Out of band (OS independent)
• User management
• Remote control
• System health
• Maintenance
ASMB Support List
ASMB-587G2-00A1
ASMB-587G4-00A1
Note: For more ASMB support list, please visit our website.
Mechanical and Environmental
• Dimensions: 218 mm x 122 mm
• Power supply type: 5 VSB
• Power requirements: 5 VSB @ 55mA
• Operating temperature: 0 ~ 60° C
• Operating humidity: 60° C @ 85% RH, Non-Condensing
• Storage temperature: -40 ~ 85° C
• Storage humidity: 60° C @ 95% RH, Non-Condensing
• Weight: 20 g
There are three connectors on the module and one of them
is used to connect with ASMB. The below table lists the
functions of these connectors.
Connectors
Label
Function
BMC_CN1
IPMI connector
VGA1
VGA1 connector
BMC_SPI1
BMC SPI ROM
Specifications
Packing List
For more information on this and other Advantech
products, please visit our website at:
http://www.advantech.com
http://www.advantech.com/eplatform
For technical support and service, please visit our
support website at:
http://support.advantech.com
This manual is for the IPMI-2000 Series.
Part No. 2042200000
Printed in China
1st Edition
August 2021
Connectors


Similar Part No. - IPMI-2000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPMI-2000-00A1 ADVANTECH-IPMI-2000-00A1 Datasheet
429Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
20-Sep-2022
IPMI-2000-00A1 ADVANTECH-IPMI-2000-00A1 Datasheet
429Kb / 2P
LGA 1700 Intel® 12th Gen. Core™ MicroATX Server Board with 4 x DDR5, 3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
6-Oct-2022
More results

Similar Description - IPMI-2000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87435 NSC-PC87435 Datasheet
109Kb / 5P
PC87435 Enhanced IPMI Baseboard Management Controller
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
logo
Summit Microelectronics...
SMH4044 SUMMIT-SMH4044 Datasheet
503Kb / 20P
Compact PCI Hot-Swap Controller With IPMI Support
logo
Maxim Integrated Produc...
DS3205 MAXIM-DS3205 Datasheet
287Kb / 20P
Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Rev: 111607
logo
Advantech Co., Ltd.
PCE-7210 ADVANTECH-PCE-7210 Datasheet
327Kb / 2P
Dual Socket 604 Intel짰 Xeon짰/ LV Xeon짰 Processor Card with PCI Express/IPMI/VGA/Dual GbE LAN
logo
AAEON Technology
PCM-3538R AAEON-PCM-3538R Datasheet
182Kb / 1P
Using THC63LVDF84A Chipset (Receiver Module)
logo
M/A-COM Technology Solu...
29610-EVMD-001-A MA-COM-29610-EVMD-001-A Datasheet
180Kb / 23P
SONET Chipset Evaluation Module
29610-EVMD-001-A MA-COM-29610-EVMD-001-A_15 Datasheet
180Kb / 23P
SONET Chipset Evaluation Module
logo
List of Unclassifed Man...
FW-7872 ETC2-FW-7872 Datasheet
284Kb / 3P
1U half-rack network application platform with 4GbE fail-over network ports and IPMI 2.0
logo
Lanner All Rights Reser...
IAC-AST2150 LANNER-IAC-AST2150 Datasheet
121Kb / 2P
Lanner IPMI Cards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com