Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC-710AI Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MIC-710AI
Description  AI Inference System based on NVIDIA Jetson® NANO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-710AI Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MIC-710AI Datasheet HTML 1Page - Advantech Co., Ltd. MIC-710AI Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
MIC-710AI
Front View
Side View
Back View
Power Input
USB
COM
RS-232/RS-422/RS485
DI/DO
HDMI
LAN
SD Card
iDoor
Packing List
Part Number
Description
Quantity
MIC-710AI/MIC-710AIX
NVIDIA AI Inference System
1
1652002202
Power connector-2Pin
1
1652005204
DI/DO connector-5Pin
2
1700023619-01
Micro USB cable for system recovery
1
1960095312N001
Mounting bracket
2
1930008089
MiniPCIe screw
2
1930005673-11
M.2 screw
1
Ordering Information
Part Number
NVIDIA Module
Memory
eMMC
SD card
MIC-710AI-00A1
NANO
4G
16G
YES
MIC-710AI-00A2
NANO
4G
16G
-
Optional
Part Number
Description
96PSA-A65W19P2-1
Power Adapter 100-240V 65W 19V
1700001524
Power Cord UL 3P 10A 125V 183cm (US)
170203183C
Power Cord EU 3P 2.5A 250V 183cm (EU)
170203180A
Power Cord BSI 3P 2.5A 250V 183cm (UK)
1702031836
Power Cord SAA 3P 10A 250V 183cm (AU)
1700008921
Power Cord PSE 3P 7A 125V 183cm (Japan)
1700019146
Power Cord CCC 3P 2.5A 250V 183cm (China)
98R1750020E
DIN RAIL bracket
1960065854N001
PCM series module bracket
98RV710AL00
Allxon OOB module
165.60
4
177.60
147



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com