Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC112DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC112DB
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC112DB Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC112DB Datasheet HTML 1Page - NXP Semiconductors 74HC112DB Datasheet HTML 2Page - NXP Semiconductors 74HC112DB Datasheet HTML 3Page - NXP Semiconductors 74HC112DB Datasheet HTML 4Page - NXP Semiconductors 74HC112DB Datasheet HTML 5Page - NXP Semiconductors 74HC112DB Datasheet HTML 6Page - NXP Semiconductors 74HC112DB Datasheet HTML 7Page - NXP Semiconductors 74HC112DB Datasheet HTML 8Page - NXP Semiconductors 74HC112DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1998 Jun 10
4
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
negative-edge trigger
74HC/HCT112
Fig.4 Functional diagram.
FUNCTION TABLE
Note
1. If nSD and nRD simultaneously go from LOW to HIGH, the output states will
be unpredictable.
H = HIGH voltage level
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW CP
transition
L = LOW voltage level
l = LOW voltage level one set-up time prior to the HIGH-to-LOW CP
transition
q = lower case letters indicate the state of the referenced output one set-up
time prior to the HIGH-to-LOW CP transition
X = don’t care
↓ = HIGH-to-LOW CP transition
OPERATING MODE
INPUTS
OUTPUTS
nSD
nRD
nCP
nJ
nK
nQ
nQ
asynchronous set
L
H
X
X
X
H
L
asynchronous reset
H
L
X
X
X
L
H
undetermined
L
L
X
X
X
H
L
toggle
H
H
hh
qq
load “0” (reset)
H
H
lh
L
H
load “1” (set)
H
H
hl
H
L
hold “no change”
H
H
ll
q
q
Fig.5 Logic diagram (one flip-flop).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com