Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF2816-39G2UI Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WSF2816-39G2UI
Description  128KX16 SRAM/512KX16 FLASH MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF2816-39G2UI Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WSF2816-39G2UI Datasheet HTML 1Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 2Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 3Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 4Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 5Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 6Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 7Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 8Page - White Electronic Designs Corporation WSF2816-39G2UI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF2816-39XX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
SRAM AC CHARACTERISTICS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-35
Unit
Min
Max
Read Cycle Time
tRC
35
ns
Address Access Time
tAA
35
ns
Output Hold from Address Change
tOH
0ns
Chip Select Access Time
tACS
35
ns
Output Enable to Output Valid
tOE
20
ns
Chip Select to Output in Low Z
tCLZ1
3ns
Output Enable to Output in Low Z
tOLZ1
0ns
Chip Disable to Output in High Z
tCHZ1
20
ns
Output Disable to Output in High Z
tOHZ1
20
ns
1. This parameter is guaranteed by design but not tested.
SRAM AC CHARACTERISTICS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-35
Unit
Min
Max
Write Cycle Time
tWC
35
ns
Chip Select to End of Write
tCW
25
ns
Address Valid to End of Write
tAW
25
ns
Data Valid to End of Write
tDW
20
ns
Write Pulse Width
tWP
25
ns
Address Setup Time
tAS
0ns
Address Hold Time
tAH
0ns
Output Active from End of Write
tOW1
4ns
Write Enable to Output in High Z
tWHZ1
20
ns
Data Hold from Write Time
tDH
0ns
1. This parameter is guaranteed by design but not tested.
FIGURE 3
AC Test Circuit
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes: VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com