Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3376 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3376
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3376 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3376 Datasheet HTML 1Page - RF Micro Devices RF3376 Datasheet HTML 2Page - RF Micro Devices RF3376 Datasheet HTML 3Page - RF Micro Devices RF3376 Datasheet HTML 4Page - RF Micro Devices RF3376 Datasheet HTML 5Page - RF Micro Devices RF3376 Datasheet HTML 6Page - RF Micro Devices RF3376 Datasheet HTML 7Page - RF Micro Devices RF3376 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-600
RF3376
Rev A5 050310
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+3
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
ICC
40
mA
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, ICC=35mA (See Note 1.)
Frequency Range
DC to >6000
MHz
3dB Bandwidth
2
GHz
Gain
22.0
23.5
dB
Freq=500MHz
21.0
22.5
dB
Freq=1000MHz
18.0
19.8
dB
Freq=2000MHz
18.0
dB
Freq=3000MHz
16.0
Freq=4000MHz
12.8
Freq=6000MHz
Noise Figure
2.0
dB
Freq=2000MHz
Input VSWR
<2:1
In a 50
Ω system, DC to 4500MHz
Output VSWR
<2:1
In a 50
Ω system, DC to 6000MHz
Output IP3
+22.0
+24.4
dBm
Freq=1000MHz
+21.5
+23.4
dBm
Freq=2000MHz
Output P1dB
+9.5
+11.5
dBm
Freq=1000MHz
+9.5
+11.5
dBm
Freq=2000MHz
Reverse Isolation
22.5
dB
Freq=2000MHz
Thermal
ICC=35mA, PDISS=110mW. (See Note 3.)
ThetaJC
216
°C/W
Maximum Measured Junction
Temperature at DC Bias
Conditions
109
°C
TCASE=+85°C
Mean Time To Failures
35000
years
TCASE=+85°C
Power Supply
With 22
Ω bias resistor
Device Operating Voltage
3.4
3.5
V
At pin 8 with ICC=35mA
4.2
4.5
v
At evaluation board connector, ICC=35mA
Operating Current
35
40
mA
See Note 2.
Note 1: All specification and characterization data has been gathered on standard FR-4 evaluation boards. These evaluation boards are
not optimized for frequencies above 2.5GHz. Performance above 2.5GHz may improve if a high performance PCB is used.
Note 2: The RF3376 must be operated at or below 40mA in order to achieve the thermal performance listed above. While the RF3376
may be operated at higher bias currents, 35mA is the recommended bias to ensure the highest possible reliability and electrical
performance.
Note 3: Because of process variations from part to part, the current resulting from a fixed bias voltage will vary. As a result, caution
should be used in designing fixed voltage bias circuits to ensure the worst case bias current does not exceed 40mA over all
intended operating conditions.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com