Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T132STR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V2T132STR
Description  DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T132STR Datasheet(HTML) 3 Page - STMicroelectronics

  74V2T132STR Datasheet HTML 1Page - STMicroelectronics 74V2T132STR Datasheet HTML 2Page - STMicroelectronics 74V2T132STR Datasheet HTML 3Page - STMicroelectronics 74V2T132STR Datasheet HTML 4Page - STMicroelectronics 74V2T132STR Datasheet HTML 5Page - STMicroelectronics 74V2T132STR Datasheet HTML 6Page - STMicroelectronics 74V2T132STR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74V2T132
3/7
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 5.0V
± 0.5V
CAPACITANCE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Vt+
High Level
Threshold Voltage
4.5
0.9
2.0
0.9
2.0
0.9
2.0
V
5.5
1.1
2.0
1.1
2.0
1.1
2.0
Vt-
Low Level
Threshold Voltage
4.5
0.5
1.5
0.5
1.5
0.5
1.5
V
5.5
0.6
1.6
0.6
1.6
0.6
1.6
Vh
Hysteresis Voltage
4.5
0.4
1.4
0.4
1.4
0.4
1.4
V
5.5
0.5
1.6
0.5
1.6
0.5
1.6
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
II
Input Leakage
Current
0to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
110
20
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
IOPD
Output Leakage
Current
0
VOUT =5.5V
0.5
5.0
5.0
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC (*)
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
5.0
15
3.7
5.5
1.0
6.5
1.0
6.5
ns
5.0
50
5.2
7.5
1.0
8.5
1.0
8.5
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
19
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com