Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34D64-R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M34D64-R
Description  64 Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Quarter of Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64-R Datasheet(HTML) 2 Page - STMicroelectronics

  M34D64-R Datasheet HTML 1Page - STMicroelectronics M34D64-R Datasheet HTML 2Page - STMicroelectronics M34D64-R Datasheet HTML 3Page - STMicroelectronics M34D64-R Datasheet HTML 4Page - STMicroelectronics M34D64-R Datasheet HTML 5Page - STMicroelectronics M34D64-R Datasheet HTML 6Page - STMicroelectronics M34D64-R Datasheet HTML 7Page - STMicroelectronics M34D64-R Datasheet HTML 8Page - STMicroelectronics M34D64-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
M34D64
2/21
SUMMARY DESCRIPTION
These
I2C-compatible
electrically
erasable
programmable memory (EEPROM) devices are
organized as 8192 x 8.
Figure 2. Logic Diagram
These devices are compatible with the I2C
memory protocol. This is a two wire serial interface
that uses a bi-directional data bus and serial clock.
The devices carry a built-in 4-bit Device Type
Identifier code (1010) in accordance with the I2C
bus definition.
The device behaves as a slave in the I2C protocol,
with all memory operations synchronized by the
serial clock. Read and Write operations are
initiated by a Start condition, generated by the bus
master. The Start condition is followed by a Device
Select Code and RW bit (as described in Table 2),
terminated by an acknowledge bit.
When writing data to the memory, the device
inserts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a Stop condition after an Ack for Write, and after a
NoAck for Read.
Table 1. Signal Names
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
Write operations during Power-up, a Power On
Reset (POR) circuit is included. The internal reset
is held active until VCC has reached the POR
threshold value, and all operations are disabled –
the device will not respond to any command. In the
same way, when VCC drops from the operating
voltage, below the POR threshold value, all
operations are disabled and the device will not
respond to any command. A stable and valid VCC
must be applied before applying any logic signal.
Figure 3. SO and TSSOP Connections
Note: 1. See page 17 (onwards) for package dimensions, and how
to identify pin-1.
AI02850B
3
E0-E2
SDA
VCC
M34D64
WC
SCL
VSS
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI02851C
M34D64
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com