Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC161 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC161 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC161 Datasheet HTML 1Page - NXP Semiconductors 74HC161 Datasheet HTML 2Page - NXP Semiconductors 74HC161 Datasheet HTML 3Page - NXP Semiconductors 74HC161 Datasheet HTML 4Page - NXP Semiconductors 74HC161 Datasheet HTML 5Page - NXP Semiconductors 74HC161 Datasheet HTML 6Page - NXP Semiconductors 74HC161 Datasheet HTML 7Page - NXP Semiconductors 74HC161 Datasheet HTML 8Page - NXP Semiconductors 74HC161 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
December 1990
2
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
FEATURES
• Synchronous counting and loading
• Two count enable inputs for n-bit cascading
• Positive-edge triggered clock
• Asynchronous reset
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT161 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT161 are synchronous presettable binary
counters which feature an internal look-ahead carry and
can be used for high-speed counting.
Synchronous operation is provided by having all flip-flops
clocked simultaneously on the positive-going edge of the
clock (CP).
The outputs (Q0 to Q3) of the counters may be preset to a
HIGH or LOW level. A LOW level at the parallel enable
input (PE) disables the counting action and causes the
data at the data inputs (D0 to D3) to be loaded into the
counter on the positive-going edge of the clock (providing
that the set-up and hold time requirements for PE are met).
Preset takes place regardless of the levels at count enable
inputs (CEP and CET).
A LOW level at the master reset input (MR) sets all four
outputs of the flip-flops (Q0 to Q3) to LOW level regardless
of the levels at CP, PE, CET and CEP inputs (thus
providing an asynchronous clear function).
The look-ahead carry simplifies serial cascading of the
counters. Both count enable inputs (CEP and CET) must
be HIGH to count. The CET input is fed forward to enable
the terminal count output (TC). The TC output thus
enabled will produce a HIGH output pulse of a duration
approximately equal to a HIGH level output of Q0. This
pulse can be used to enable the next cascaded stage.
The maximum clock frequency for the cascaded counters
is determined by the CP to TC propagation delay and CEP
to CP set-up time, according to the following formula:
fmax =
1
t
P(max) (CP to TC)
t
+
SU
(CEP to CP)
---------------------------------------------------------------------------------------------------
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
SYMBOL PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CP to Qn
CP to TC
MR to Qn
MR to TC
CET to TC
CL = 15 pF;
VCC =5 V
19
21
20
20
10
20
24
25
26
14
ns
ns
ns
ns
ns
fmax
maximum clock frequency
44
45
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per package
notes 1 and 2
33
35
pF
Notes
1. CPD is used to determine the
dynamic power dissipation
(PD in µW):
PD =CPD × VCC2 × fi +
∑ (CL × VCC2 × fo)
where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of
outputs
CL = output load capacitance in
pF
VCC = supply voltage in V
2. For HC the condition is
VI = GND to VCC
For HCT the condition is
VI = GND to VCC − 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com