Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAPI-270K-UL Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SFAPI-270K-UL
Description  Fixed Axial Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFAPI-270K-UL Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SFAPI-270K-UL Datasheet HTML 1Page - Bel Fuse Inc. SFAPI-270K-UL Datasheet HTML 2Page - Bel Fuse Inc. SFAPI-270K-UL Datasheet HTML 3Page - Bel Fuse Inc. SFAPI-270K-UL Datasheet HTML 4Page - Bel Fuse Inc. SFAPI-270K-UL Datasheet HTML 5Page - Bel Fuse Inc. SFAPI-270K-UL Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
SFAPI Series Dec 16 2022
SFAPI Series
RoHS
Compliant
ELECTRICAL SPECIFICATIONS
Electrical specifications for all part numbers measured at 25°C unless otherwise stated.
Part Number
Inductance
@ 1 kHz
(µH)
DCR
Max
(Ω)
Temperature Rise Current
Max.
(A)
SFAPI-270K-UL
27
0.058
1.280
SFAPI-330K-UL
33
0.075
1.008
SFAPI-470K-UL
47
0.109
0.804
SFAPI-101K-UL
100
0.208
0.632
SFAPI-471K-UL
470
1.150
0.315
SFAPI-681K-UL
680
1.610
0.250
SFAPI-102K-UL
1000
2.300
0.200
SFAPI-122K-UL
1200
2.650
0.200
SFAPI-182K-UL
1800
4.030
0.158
SFAPI-222K-UL
2200
4.480
0.158
SFAPI-332K-UL
3300
6.560
0.125
SFAPI-472K-UL
4700
10.50
0.100
Notes:
1) I sat: The current when the inductance becomes 10% lower than its initial value (Ta = 20°C).
2) I rms: The current when temperature of coil increase up to max. ΔT ≤ 40°C (Ta = 20°C).
• Test equipment
L: measured on Agilent 4284A LCR meter or equivalent
DCR: measured on Chroma 16502 micro-OHM meter or equivalent
I sat & I rms: measured on Agilent 4284A LCR meter with 42841A Current Source or equivalent.
• Notice:
Please read Cautions and Warnings and Notes for electrical characteristics test at the end of this document
INDUCTANCE VS DC CURRENT CURVE
1
10
100
1000
10000
100000
0
0.1
0.2
0.3
0.4
0.5
0.6
DC Current (A)
102
183
1
10
100
1000
0
1
2
3
4
5
6
7
8
9
DC Current (A)
3R9
221
470



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com