Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAPI-330K-UL Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SFAPI-330K-UL
Description  Fixed Axial Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFAPI-330K-UL Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SFAPI-330K-UL Datasheet HTML 1Page - Bel Fuse Inc. SFAPI-330K-UL Datasheet HTML 2Page - Bel Fuse Inc. SFAPI-330K-UL Datasheet HTML 3Page - Bel Fuse Inc. SFAPI-330K-UL Datasheet HTML 4Page - Bel Fuse Inc. SFAPI-330K-UL Datasheet HTML 5Page - Bel Fuse Inc. SFAPI-330K-UL Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
SFAPI Series Dec 16 2022
SFAPI Series
RoHS
Compliant
IN BAG PACKAGE SPECIFICATIONS
Small Box
Inside Box
Outside Carton
120
260
410
C/NO.
STORAGE CONDITIONS
a) Temperature and humidity conditions: <35 and < 35 65%.
b) Recommendation: inductors should be used within 6 months from the time or delivery
c) Packaging material should be kept away from where chlorine or sulfur exists.
PACKAGE QUANTITY
Series
Bag
Pcs / Bag
Small Box
Inside Box
Outside Carton
SFAPI
7X5
200
600
2400
4800
TAPE AND REEL SPECIFICATIONS
10.0±0.5
Outside Carton
380
C/NO.
72
66
Ø 355
LAB
EL
Ø1
7.5
STORAGE CONDITIONS
a) Temperature and humidity conditions: <35 and < 35 65%.
b) Recommendation: inductors should be used within 6 months from the time or delivery
c) Packaging material should be kept away from where chlorine or sulfur exists.
PACKAGE QUANTITY
Series
Type
Packaging Quantity (pcs)
Parts / Box
Parts / Reel
Parts / Carton
SFAPI
T5X2
-
1000
5000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com