Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAPI-470K-UL Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SFAPI-470K-UL
Description  Fixed Axial Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SFAPI-470K-UL Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SFAPI-470K-UL Datasheet HTML 1Page - Bel Fuse Inc. SFAPI-470K-UL Datasheet HTML 2Page - Bel Fuse Inc. SFAPI-470K-UL Datasheet HTML 3Page - Bel Fuse Inc. SFAPI-470K-UL Datasheet HTML 4Page - Bel Fuse Inc. SFAPI-470K-UL Datasheet HTML 5Page - Bel Fuse Inc. SFAPI-470K-UL Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
SFAPI Series Dec 16 2022
SFAPI Series
RoHS
Compliant
PRODUCT IDENTIFICATION
MECHANICAL SPECIFICATIONS
Dimensions are in mm.
6.6 MAX
SCHEMATIC
1
2
Start point
38.0±0.3
16.5 MAX
38.0±0.3
SFAPI = Signal Fixed Axial Power Inductors
SFAPI - 470 K - UL - TR
470 = 47 μH
* Note: Expressed by three figures. The unit is micro henry (μH). The first and
second figures are significant digits, the third figure expresses the number of
zeros which follow the two figures.
If there is a decimal point, it is expressed by the capital letter “R” (3R9 = 3.9 μH).
In that case, all figures are significant digits.
Inductance *
Type / Product Series
Sleeve
TR = Tape & Reel
No code = Bulk
UL = UL Tape (black)
K = ±10%
Inductance Tolerance
Packaging



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com