Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83C554F Datasheet(PDF) 21 Page - Winbond

Part # W83C554F
Description  SYSTEM I/O CONTROLLER WITH PCI ARBITER & UltraDMA/33 IDE Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83C554F Datasheet(HTML) 21 Page - Winbond

Back Button W83C554F Datasheet HTML 17Page - Winbond W83C554F Datasheet HTML 18Page - Winbond W83C554F Datasheet HTML 19Page - Winbond W83C554F Datasheet HTML 20Page - Winbond W83C554F Datasheet HTML 21Page - Winbond W83C554F Datasheet HTML 22Page - Winbond W83C554F Datasheet HTML 23Page - Winbond W83C554F Datasheet HTML 24Page - Winbond W83C554F Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
W83C554F
Pin Descriptions
WINBOND ELECTRONICS CORP. AMERICA
19
Table 2-4 (continued). IDE Interface Bus Signals
Pin Name
Pin #
Input/
Output
Description
DA[2:0]
88,90,89
Output
IDE Drive Address for command block and control block of device
(drive).
DD[15:0]
98,101,103,
105,108,
110,112,
114,115,
113,111,
109,106,
104,102,
100
Input/
Output
IDE Drive Data. 16-bit bi-directional bus.
IDECHRDY/
DDMARDY#/
DSTROBE
95
Input
Multi-function pin.
In PIO and Multiword DMA modes: IDE I/O Channel Ready.
When IDECHRDY is negated, the current cycle will be extended.
This input is connected to the primary port, and can also be
connected to the secondary port.
In UltraDMA Read mode: DSTROBE. 554F latches the data from
the device (drive) on the rising and falling edge of DSTROBE.
In UltraDMA Write mode: DDMARDY#. 554F uses this signal,
when negated by the device (drive), to pause the UltraDMA
transaction.
IDEIRQB
91
Input
IDE IRQ B. Secondary port interrupt request.
IDEIRQA
92
Input
IDE IRQ A. Primary port interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com