Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC153DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC153DB
Description  Dual 4-input multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC153DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC153DB Datasheet HTML 1Page - NXP Semiconductors 74HC153DB Datasheet HTML 2Page - NXP Semiconductors 74HC153DB Datasheet HTML 3Page - NXP Semiconductors 74HC153DB Datasheet HTML 4Page - NXP Semiconductors 74HC153DB Datasheet HTML 5Page - NXP Semiconductors 74HC153DB Datasheet HTML 6Page - NXP Semiconductors 74HC153DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Dual 4-input multiplexer
74HC/HCT153
FEATURES
• Non-inverting output
• Separate enable for each output
• Common select inputs
• See ‘253” for 3-state version
• Permits multiplexing from n lines to
1 line
• Enable line provided for cascading
(n lines to 1 line)
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT153 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
no. 7A.
The 74HC/HCT153 have two
identical 4-input multiplexers which
select two bits of data from up to four
sources selected by common data
select inputs (S0, S1). The two 4-input
multiplexer circuits have individual
active LOW output enable inputs (1E,
2E) which can be used to strobe the
outputs independently. The outputs
(1Y, 2Y) are forced LOW when the
corresponding output enable inputs
are HIGH.
The “153” is the logic implementation
of a 2-pole, 4-position switch, where
the position of the switch is
determined by the logic levels applied
to S0 and S1.
The logic equations for the outputs
are:
1Y = 1E.(1I0.S1.S0+1I1.S1.S0+
+1I2.S1.S0+1I3.S1.S0)
2Y = 2E.(2I0.S1.S0+2I1.S1.S0+
+2I2.S1.S0+2I3.S1.S0)
The “153” can be used to move data
to a common output bus from a group
of registers. The state of the select
inputs would determine the particular
register from which the data came. An
alternative application is a function
generator. The device can generate
two functions or three variables. This
is useful for implementing highly
irregular random logic.
The “153” is similar to the “253” but
has standard outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
1In, 2In to nY
14
16
ns
Sn to nY
15
17
ns
nE to nY
10
11
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per multiplexer notes 1 and 2
30
30
pF
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
∑ (CL × VCC2 × fo) = sum of outputs
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic
Package Information”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com