Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-2633 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-2633
Description  16-Bit, 1 MS/s, High-Speed Data Acquisition
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-2633 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-2633 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2633 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-2633 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-2633 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-2633 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB-2600 Series
Features
Calibration
The USB-2600 Series is factory-calibrated using a NIST-traceable
calibration process. Specifications are guaranteed for one year.
The USB-2600 Series also supports field calibration for users to
calibrate the device locally with the InstaCal utility.
Signal Connections
All signals are available from the 68-pin SCSI connectors or the
four header connectors. The headers also provide two additional
timer outputs, and an additional 48 SE analog inputs on the
USB-2633 and USB-2637. Use a C40FF-x or custom cable for
header connections.
TB-100 Screw Terminal Board
The optional TB-100 screw terminal board connects directly to
the SCSI connector using a CA-68-xx ribbon cable. The TB-100
provides access to 16 SE analog inputs, up to four analog outputs,
24 digital I/O, and all counters/timers. When using the TB-100
with the USB-2633 and USB-2637, access to the remaining 48 SE
analog inputs is available through the 40-pin header connectors.
TB-103 Screw Terminal Board
The optional TB-103 screw terminal board connects directly to
the 40-pin headers on a USB-2600 Series board, and secures to
the board with the included stand-offs. The TB-103 provides
access for up to 64 SE analog inputs (when using a USB-2633
or USB-2637), up to 4 analog outputs (when using a USB-2627
or USB-2637), 24 digital I/O and all counters/timers.
USB-2637 connected to TB-103 screw-terminal board.
USB-2600 Series Block Diagram
Calibration
Voltage Sources
Calibration
Voltage Sources
DIO
Protection
DIO
Protection
16-bit ADC
1 MSPS
Crystal
24 MHz
Crystal
24 MHz
Temperature
Sensor
Temperature
Sensor
USB
Port
USB
Port
D+/D–
Vbus
(5V)
Microcontroller
with USB 2.0
High-speed
Interface
Bitwise-programmable
DIO with
Configurable
Pull-ups
Bitwise-programmable
DIO with
Configurable
Pull-ups
16-bit FIFO bus
8-bit Data bus
Clock output
Power
Control
3.3V
Always On
Power Supplies
with Shutdown
and Soft-start
+12V
–12V
5V
3.3V
1.2V
Power Supplies
with Shutdown
and Soft-start
+12V
–12V
5V
3.3V
1.2V
EEPROM
EEPROM
SRAM
SRAM
Registers
Amp
16-bit DAC
XDAC0
16-bit DAC
XDAC0
±10 V
Registers
Amp
16-bit DAC
XDAC1
±10 V
Registers
Amp
16-bit DAC
XDAC2
±10 V
Registers
Registers
Amp
16-bit DAC
XDAC3
16-bit DAC
XDAC3
±10 V
Multiplexer
Multiplexer
Level Shift/
Attenuate
Level Shift/
Attenuate
In-Amp
In-Amp
Power out
+VO
External trigger input (TTLTRG)
External input scan clock (XAPCR)
External output scan clock (XDPCR)
24
Counter input (CNT0 to CNT3)
4
Timer output (TMR0 to TMR3)
4
24
24
16
or
64
(SE)
FPGA
USB-2627/USB-2637 Only
USB-2623/USB-2627: 16 SE AI
USB-2633/USB-2637: 64 SE AI



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com