Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM7602 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM7602
Description  Low Power Clock Oscillator 32768 Hz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM7602 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM7602 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM7602 Datasheet HTML 2Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EM7602
Copyright
 2003, EM Microelectronic-Marin SA
Subject to change without notice
Rev. C, 07/2003
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
Output Wave Form:
t
r
t
f
0
V
OL
V
OH
V
DD
Environmental Characteristics:
Conditions
Max. Dev.
Storage temp. range
-55°C to +125°C
Industrial operating temp. range
-40°C to +85°C
Shock resistance
∆F/F 5000 g, 0.3 ms, ½ sine
±5 ppm
Vibration resistance
∆F/F
20 g / 10-2000 Hz
±5 ppm
Ordering Information,
Terminations and Processing:
Part Nb
Termination
Delivery Form
EM7602V1SM4D
For SMD mounting
Tray (91 pieces)
EM7602V1SM4B
Au (gold) flashed pads Tape & Reel (min. 1000 pieces)
Processing is by reflow soldering at 260°C / 20 s max.
Note: Instead of Au (gold) flashed pads, Sn (tin) plated pads are also available
for SMD mounting, subject to availability and minimum order quantity.
Please contact EM Microelectronic for availability of Sn (tin) plated pads
and refer to EM7602V2 (version 2). For samples, only EM7602V1 is
available at all times.
Frequency Temperature
Characteristics:
-180.0
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
-60
-40
-20
0
20
40
60
80
100
T [°C]
Conventional Tuning Fork
EM7602 Oscillator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com