Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6682TP8B Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6682TP8B
Description  Ultra Low Power 8-pin Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6682TP8B Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6682TP8B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6682TP8B Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
R
EM6682
Copyright
© 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
5.3 Prescaler
The prescaler consists of a fifteen elements divider chain which delivers clock signals for the peripheral circuits such as
timer/counter, debouncer and edge detectors, as well as generating prescaler interrupts. The input to the prescaler is the
system clock signal closest to 32 kHz or 50 kHz which comes from the RC oscillator or external clock as divided by the
preceding divider. Power on initializes the prescaler to Hex(0001).
Table 5.3.1 Prescaler Clock Name Definition
Function
Name
32 KHz
SysClk
50 KHz
SysClk
Function
Name
32 KHz
SysClk
50 KHz
SysClk
System clock
Ck[16]
32768 Hz
50000 Hz
System clock / 256
Ck[8]
128 Hz
195 Hz
System clock / 2
Ck[15]
16384 Hz
25000 Hz
System clock / 512
Ck[7]
64 Hz
97 Hz
System clock / 4
Ck[14]
8192 Hz
12500 Hz
System clock / 1024
Ck[6]
32 Hz
49 Hz
System clock / 8
Ck[13]
4096 Hz
6250 Hz
System clock / 2048
Ck[5]
16 Hz
24 Hz
System clock/ 16
Ck[12]
2048 Hz
3125 Hz
System clock / 4096
Ck[4]
8 Hz
12 Hz
System clock / 32
Ck[11]
1024 Hz
1562 Hz
System clock / 8192
Ck[3]
4 Hz
6 Hz
System clock / 64
Ck[10]
512 Hz
781 Hz
System clock / 16384
Ck[2]
2 Hz
3 Hz
System clock / 128
ck [9]
256 Hz
390 Hz
System clock / 32768
Ck[1]
1 Hz
1.5 Hz
Figure 9. Prescaler Frequency Timing
Prescaler Reset
SysClk = System clock Ck[16]
Ck[15]
Ck[14]
Ck[13]
Ck[2]
Ck[1]
Horizontal Scale change
First positive edge of 1 Hz clock Ck[1] is 1 sec after the falling reset edge
Table 5.3.2 Control of Prescaler Register RegPresc
Bit
Name
Reset
R/W
Description
3
ExtCPUclkON
p
R/W
Ext. Clock selection instead of RCosc.
2
ResPresc
0
R/W
Write Reset prescaler
1
Reset the divider chain from Ck[14] to Ck[2], sets Ck[1]. 0
No action.
The Read value is always '0'
1
PrIntSel
0
R/W
Interrupt select. 0
Interrupt from Ck[4] (typ. 8/12 Hz)
1
Interrupt from Ck[7] (typ. 64/97 Hz)
0
DebSel
0
R/W
Debounce clock select. 0
Debouncer with Ck[8]
1
Debouncer with Ck[11] or Ck[14]
With DebSel = 1 one may choose either the Ck[11] or Ck[14] debouncer frequency by selecting the corresponding metal mask
option or by register RegMFP0 Opt[3] when this register is at ‘1’, the debouncer use Ck[14]. Relative to 32kHz the
corresponding max. debouncer times are then 2 ms or 0.25 ms. For the metal mask selection refer to chapter
98H98H
14.1.3
Switching the PrIntSel may generate an interrupt request. Avoid it with MaskIRQ64/8 = 0 selection during the switching
operation.
The prescaler contains 2 interrupt sources:
- IRQ64/8 ; this is Ck[7] or Ck[4] positive edge interrupt, the selection is depending on bit PrIntSel.
- IRQHz1 ; this is Ck[1] positive edge interrupt
There is no interrupt generation on reset.
The first IRQHz1 Interrupt occurs typ. 1 sec (if SysClk = 32kHz) after reset. (0.65 sec if SysClk is 50kHz).
NOTE: If not written explicitly all timing in peripherals is calculated for 32 kHz System Clock !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com