Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMTG30 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EMTG30
Description  30KB Ultra Low Cost Flash Smart Card IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMTG30 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EMTG30 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EMTG30 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EMTG30 Datasheet HTML 3Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright
© 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Theseus
TM Gold 30
EMTG30
EM MICROELECTRONIC - MARIN SA
Introduction
EMTG30 is a member of the Theseus family of devices
designed specifically for smart card applications. It is
software compatible with the industry standard 8051
micro-controller, to guarantee the maximum availability
of qualified software. The hardware implementation of
the core is a modern design not relying on microcode,
with an increase of up to 4 times on a standard 8051's
clocks per instruction.
Security of the family of devices makes them particularly
suitable in electronic commerce and sensitive data
areas. This is accomplished in hardware, with not only
protection against out of parameter operation of the
device, but hardware memory management to protect
against software security attacks. The CPU clock is
derived from its own internal oscillator, so preventing
attacks by clock manipulation, or extrapolating program
execution by monitoring current variations on clock
edges.
General Purpose Non Volatile Memory (GPNVM)
The General Purpose Non Volatile Memory offers ultra
low cost implementation of traditional EEPROM based
smart card ICs using one unique memory instance for
code and data storage. This one memory solution
provides compact implementation offering at the same
time a maximum flexibility. Therefore all code size
footprint reduction will directly benefits to the application.
A simple and secure memory protection mechanism is
relying on a flexible border between code and data
space.
With up to a 30KB GPNVM on chip memories EMTG30
eradicates the need for memory bank switching either
for data and code space.
The organisation of GPNVM in 128 bytes per pages
combined with efficient page management methods are
increasing application level performances such as:
-
High performances memory update
-
High resistance to page tearing
-
Extension of application level effective page cycling
endurance
-
Simple implementation of anti-tearing mechanism
An additional GPNVM system area of 1KB is available.
This system area hosts device systems parameters.
The remaining area could be used for several purposes
such boot loader commands extension, GPNVM update
backup buffer, hardware API functions etc…
This means that reel User’s available memory is actually
larger than 30KB.
Serial interface
EMTG30 offers a unique serial interface compliant with
the ISO 7816-3 specification with several modes
implemented allowing serial connections at 9600 up to
357K bits per second at 3.57MHz. EMTG30 supports
T=0 asynchronous half duplex character transmission
protocol,
T=1
asynchronous
half
duplex
block
transmission and a proprietary T=14 protocol used for
fast loading of Code into the OTP by the card
manufacturer.
It
handles
minimum
guard
time
requirements between characters specified by ISO7816-
3 specification automatically. EMTG30 is designed to be
compatible with the ISO7816-3 specification defining the
characteristics of Integrated Circuit Cards commonly
referred to as smart cards.
Random Number Generator
The on chip random number generator is fully Fips140-2
compliant, providing a rapid stream of truly random
numbers. This allows use of the random numbers
generated beyond just the provision of numbers for
randomising transmissions or generating keys.
Clocks
EMTG30 has its own internal oscillator this allows the
core of the device to be independent of the external
clock. The processor can also be clocked much faster
than the IO CLK signal. This ensures the elimination of
fraudulent attacks involving frequency jitter and unequal
mark space ratios. The internal clock generator is
connected to the core via a divider that is under the
control of the software. This allows the Operating
System writer to control the trade off between execution
speed and power drawn by the device. Extending
battery life in hand help applications where slow
interfaces are involved.
Anti tampering
The EMTG30 has extensive anti tampering provision
including the monitoring of the connection to the device
to ensure that deviations beyond a prescribed criteria
result in the device being closed down before its
operating conditions are violated.
On chip voltage regulators
Several on chip regulators isolate the various elements
of the device from variations and fluctuations in the
supply voltage. This allows elements to be characterised
precisely, as they operate at one fixed voltage, which in
turn maximises the endurance of the device.
Technology
This product is using superior Flash memory SuperFlash
Technology licensed from SST and SuperFlash is a
registered trademark of SST (Silicon Storage
Technology Inc.).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com