Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1733 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC1733
Description  NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER INDUSTRIAL USE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1733 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC1733 Datasheet HTML 1Page - Renesas Technology Corp 2SC1733 Datasheet HTML 2Page - Renesas Technology Corp 2SC1733 Datasheet HTML 3Page - Renesas Technology Corp 2SC1733 Datasheet HTML 4Page - Renesas Technology Corp 2SC1733 Datasheet HTML 5Page - Renesas Technology Corp 2SC1733 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©
1996
DATA SHEET
SILICON TRANSISTOR
2SC1733
DESCRIPTION
The 2SC1733 is an NPN silicon epitaxial dual transistor designed
for use in high-frequency differential amplifier applications. Two
transistor chips equivalent to the 2SC1275 are housed in a package
the same size as TO-18.
FEATURES
High gain bandwidth product: fT = 2 GHz TYP.
Compact package, the same size as TO-18
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
14
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Collector Dissipation
PC
200
mW/unit
Total Power Dissipation
PT
300
mW
Junction Temperature
Tj
200
˚C
Storage Temperature
Tstg
–65 to +200
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICES
VCE = 15 V, RBE = 0
50
nA
Emitter Cut-off Current
IEBO
VEB = 2.0 V, IC = 0
50
nA
DC Current Gain
hFE
VCE = 10 V, IC = 10 mA
25
80
200
hFE Ratio
hFE1/hFE2
VCE = 10 V, IC = 10 mA*
0.8
1.0
Difference of Base to Emitter Voltage
∆VBE
VCE = 10 V, IC = 10 mA
30
mV
Gain Bandwidth Product
fT
VCE = 10 V, IC = 10 mA
1.5
2.0
GHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
1.1
1.5
pF
*
hFE1 is the smaller hFE value of the 2 transistors.
Document No. P11669EJ1V0DS00 (1st edition)
Date Published July 1996 P
Printed in Japan
PACKAGE DIMENSIONS
(in millimeters)
NPN SILICON EPITAXIAL DUAL TRANSISTOR
FOR DIFFERENTIAL AMPLIFIER
INDUSTRIAL USE
φ
3
2
1
5.84 MAX.
φ 4.95 MAX.
PIN CONNECTIONS
1. 1E
2. 1C
3. 1B
4. 2B
5. 2C
6. 2E
4
5
6
60˚
60˚
1.05
5
2C
2
1C
3
1B
4
2B
1
1E
6
2E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com