Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1927 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC1927
Description  NPN SILICON EPITAXIAL DUAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1927 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC1927 Datasheet HTML 1Page - Renesas Technology Corp 2SC1927 Datasheet HTML 2Page - Renesas Technology Corp 2SC1927 Datasheet HTML 3Page - Renesas Technology Corp 2SC1927 Datasheet HTML 4Page - Renesas Technology Corp 2SC1927 Datasheet HTML 5Page - Renesas Technology Corp 2SC1927 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC1927
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
BASE AND COLLECTOR SATURATION
VOLTAGE vs. COLLECTOR CURRENT
IC = 10·IB
2
1
0.2
0.1
0.02
0.05
0.5
0.1 0.2
1
0.5
2
5
10 20
50
VBE(sat)
VCE(sat)
IC - Collector Current - mA
200
100
50
70
5
7
10
20
30
0.2
0.5
1
50
30
10 20
7
2
5
0.1
0.7
3
VCE = 10 V
IC - Collector Current - mA
0
0.5 1
2 3
30
20
10
7
5
VCB - Collector to Base Voltage - V
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
3
2
1
0.3
0.5
0.7
IE = 0
f = 1.0 MHz
0.6
0.7
0.8
0.9
50
20
10
5
2
1
0.5
VCE = 10 V
VBE - Base to Emitter Voltage - V
DC CURRENT GAIN vs. COLLECTOR
CURRENT
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
0.2
0.5
1
50
30
10 20
7
2
5
0.1
0.7
3
IC - Collector Current - mA
3000
2000
700
1000
50
70
100
500
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
300
200
VCE = 2.0 V
VCE = 5.0 V
0.3
0.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com