Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD325X Datasheet(PDF) 148 Page - STMicroelectronics

Part # UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Datasheet(HTML) 148 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 144Page - STMicroelectronics UPSD325X Datasheet HTML 145Page - STMicroelectronics UPSD325X Datasheet HTML 146Page - STMicroelectronics UPSD325X Datasheet HTML 147Page - STMicroelectronics UPSD325X Datasheet HTML 148Page - STMicroelectronics UPSD325X Datasheet HTML 149Page - STMicroelectronics UPSD325X Datasheet HTML 150Page - STMicroelectronics UPSD325X Datasheet HTML 151Page - STMicroelectronics UPSD325X Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 176 page
background image
µPSD325X DEVICES
148/176
Table 112. DC Characteristics (5V Devices)
Symbol
Parameter
Test Condition
(in addition to those in
Table 109, page 146)
Min.
Typ.
Max.
Unit
VIH
Input High Voltage (Ports 1, 2,
3, 4[Bits 7,6,5,4,3,1,0], XTAL1,
RESET)
4.5V < VCC < 5.5V
0.7VCC
VCC + 0.5
V
VIH1
Input High Voltage (Ports A, B,
C, D, 4[Bit 2], USB+, USB–)
4.5V < VCC < 5.5V
2.0
VCC + 0.5
V
VIL
Input Low Voltage (Ports 1, 2,
3, 4[Bits 7,6,5,4,3,1,0], XTAL1,
RESET)
4.5V < VCC < 5.5V
VSS– 0.5
0.3VCC
V
VIL1
Input Low Voltage
(Ports A, B, C, D, 4[Bit 2])
4.5V < VCC < 5.5V
–0.5
0.8
V
Input High Voltage
(USB+, USB–)
4.5V < VCC < 5.5V
VSS–0.5
0.8
V
VOL
Output Low Voltage
(Ports A,B,C,D)
IOL = 20µA
VCC = 4.5V
0.01
0.1
V
IOL = 8mA
VCC = 4.5V
0.25
0.45
V
VOL1
Output Low Voltage
(Ports 1,2,3,4, WR, RD)
IOL = 1.6mA
0.45
V
VOL2
Output Low Voltage
(Port 0, ALE, PSEN)
IOL = 3.2mA
0.45
V
VOH
Output High Voltage
(Ports A,B,C,D)
IOH = –20µA
VCC = 4.5V
4.4
4.49
V
IOH = –2mA
VCC = 4.5V
2.4
3.9
V
VOH1
Output High Voltage
(Ports 1,2,3,4, WR, RD)
IOH = –80µA
2.4
V
IOH = –10µA
4.05
V
VOH2
Output High Voltage (Port 0 in
ext. Bus Mode, ALE, PSEN))4
IOH = –800µA
2.4
V
IOH = –80µA
4.05
V
VOH3
Output High Voltage VSTBYON
IOH = –1µA
VSTBY – 0.8
V
VLVR
Low Voltage RESET
0.1V hysteresis
3.75
4.0
4.25
V
VOP
XTAL Open Bias Voltage
(XTAL1, XTAL2)
IOL = 3.2mA
2.0
3.0
V
VLKO
VCC(min) for Flash Erase and
Program
2.5
4.2
V
VSTBY
SRAM (PSD) Stand-by Voltage
2.0
VCC–0.2
V
VDF
SRAM (PSD) Data Retention
Voltage
Only on VSTBY
2V
IIL
Logic '0' Input Current
(Ports 1,2,3,4)
VIN = 0.45V
(0V for Port 4[pin 2])
–10
–50
µA
ITL
Logic 1-to-0 Transition Current
(Ports 1,2,3,4)
VIN = 3.5V
(2.5V for Port 4[pin 2])
–65
–650
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com