Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD325X Datasheet(PDF) 153 Page - STMicroelectronics

Part # UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Datasheet(HTML) 153 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 149Page - STMicroelectronics UPSD325X Datasheet HTML 150Page - STMicroelectronics UPSD325X Datasheet HTML 151Page - STMicroelectronics UPSD325X Datasheet HTML 152Page - STMicroelectronics UPSD325X Datasheet HTML 153Page - STMicroelectronics UPSD325X Datasheet HTML 154Page - STMicroelectronics UPSD325X Datasheet HTML 155Page - STMicroelectronics UPSD325X Datasheet HTML 156Page - STMicroelectronics UPSD325X Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 176 page
background image
153/176
µPSD325X DEVICES
Table 115. External Program Memory AC Characteristics (with the 3V MCU Module)
Note: 1. Conditions (in addition to those in Table 110, VCC = 3.0 to 3.6V): VSS = 0V; CL for Port 0, ALE and PSEN output is 100pF, for 5V
devices, and 50pF for 3V devices; CL for other outputs is 80pF, for 5V devices, and 50pF for 3V devices)
2. Interfacing the µPSD325X devices to devices with float times up to 35ns is permissible. This limited bus contention does not cause
any damage to Port 0 drivers.
Table 116. External Clock Drive (with the 5V MCU Module)
Note: 1. Conditions (in addition to those in Table 109, VCC = 4.5 to 5.5V): VSS = 0V; CL for Port 0, ALE and PSEN output is 100pF; CL for
other outputs is 80pF
Table 117. External Clock Drive (with the 3V MCU Module)
Note: 1. Conditions (in addition to those in Table 110, VCC = 3.0 to 3.6V): VSS = 0V; CL for Port 0, ALE and PSEN output is 100pF, for 5V
devices, and 50pF for 3V devices; CL for other outputs is 80pF, for 5V devices, and 50pF for 3V devices)
Symbol
Parameter1
24MHz Oscillator
Variable Oscillator
1/tCLCL = 8 to 24MHz
Unit
Min
Max
Min
Max
tLHLL
ALE pulse width
43
2tCLCL – 40
ns
tAVLL
Address set-up to ALE
17
tCLCL – 25
ns
tLLAX
Address hold after ALE
17
tCLCL – 25
ns
tLLIV
ALE Low to valid instruction in
80
4tCLCL – 87
ns
tLLPL
ALE to PSEN
22
tCLCL – 20
ns
tPLPH
PSEN pulse width
95
3tCLCL – 30
ns
tPLIV
PSEN to valid instruction in
60
3tCLCL – 65
ns
tPXIX
Input instruction hold after PSEN
00
ns
tPXIZ
2
Input instruction float after PSEN
32
tCLCL – 10
ns
tPXAV
2
Address valid after PSEN
37
tCLCL – 5
ns
tAVIV
Address to valid instruction in
148
5tCLCL – 60
ns
tAZPL
Address float to PSEN
–10
–10
ns
Symbol
Parameter1
40MHz Oscillator
Variable Oscillator
1/tCLCL = 24 to 40MHz
Unit
Min
Max
Min
Max
tRLRH
Oscillator period
25
41.7
ns
tWLWH
High time
10
tCLCL – tCLCX
ns
tLLAX2
Low time
10
tCLCL – tCLCX
ns
tRHDX
Rise time
10
ns
tRHDX
Fall time
10
ns
Symbol
Parameter1
24MHz Oscillator
Variable Oscillator
1/tCLCL = 8 to 24MHz
Unit
Min
Max
Min
Max
tRLRH
Oscillator period
41.7
125
ns
tWLWH
High time
12
tCLCL – tCLCX
ns
tLLAX2
Low time
12
tCLCL – tCLCX
ns
tRHDX
Rise time
12
ns
tRHDX
Fall time
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com