Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213T-E/SS Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F15213T-E/SS
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-E/SS Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F15213T-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 41Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 42Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 43Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 44Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 45Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 46Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 47Page - Microchip Technology PIC16F15213T-E/SS Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 439 page
background image
Figure 9-10. Memory Map Banks 48 - 55
1800h
180Bh
Core Registers
1880h
188Bh
Core Registers
1900h
190Bh
Core Registers
1980h
198Bh
Core Registers
1A00h
1A0Bh
Core Registers
1A80h
1A8Bh
Core Registers
1B00h
1B0Bh
Core Registers
1B80h
1B8Bh
Core Registers
180Ch
—
188Ch
—
190Ch
—
198Ch
—
1A0Ch
—
1A8Ch
—
1B0Ch
—
1B8Ch
—
180Dh
—
188Dh
—
190Dh
—
198Dh
—
1A0Dh
—
1A8Dh
—
1B0Dh
—
1B8Dh
—
180Eh
—
188Eh
—
190Eh
—
198Eh
—
1A0Eh
—
1A8Eh
—
1B0Eh
—
1B8Eh
—
180Fh
—
188Fh
—
190Fh
—
198Fh
—
1A0Fh
—
1A8Fh
—
1B0Fh
—
1B8Fh
—
1810h
—
1890h
—
1910h
—
1990h
—
1A10h
—
1A90h
—
1B10h
—
1B90h
—
1811h
—
1891h
—
1911h
—
1991h
—
1A11h
—
1A91h
—
1B11h
—
1B91h
—
1812h
—
1892h
—
1912h
—
1992h
—
1A12h
—
1A92h
—
1B12h
—
1B92h
—
1813h
—
1893h
—
1913h
—
1993h
—
1A13h
—
1A93h
—
1B13h
—
1B93h
—
1814h
—
1894h
—
1914h
—
1994h
—
1A14h
—
1A94h
—
1B14h
—
1B94h
—
1815h
—
1895h
—
1915h
—
1995h
—
1A15h
—
1A95h
—
1B15h
—
1B95h
—
1816h
—
1896h
—
1916h
—
1996h
—
1A16h
—
1A96h
—
1B16h
—
1B96h
—
1817h
—
1897h
—
1917h
—
1997h
—
1A17h
—
1A97h
—
1B17h
—
1B97h
—
1818h
—
1898h
—
1918h
—
1998h
—
1A18h
—
1A98h
—
1B18h
—
1B98h
—
1819h
—
1899h
—
1919h
—
1999h
—
1A19h
—
1A99h
—
1B19h
—
1B99h
—
181Ah
—
189Ah
—
191Ah
—
199Ah
—
1A1Ah
—
1A9Ah
—
1B1Ah
—
1B9Ah
—
181Bh
—
189Bh
—
191Bh
—
199Bh
—
1A1Bh
—
1A9Bh
—
1B1Bh
—
1B9Bh
—
181Ch
—
189Ch
—
191Ch
—
199Ch
—
1A1Ch
—
1A9Ch
—
1B1Ch
—
1B9Ch
—
181Dh
—
189Dh
—
191Dh
—
199Dh
—
1A1Dh
—
1A9Dh
—
1B1Dh
—
1B9Dh
—
181Eh
—
189Eh
—
191Eh
—
199Eh
—
1A1Eh
—
1A9Eh
—
1B1Eh
—
1B9Eh
—
181Fh
—
189Fh
—
191Fh
—
199Fh
—
1A1Fh
—
1A9Fh
—
1B1Fh
—
1B9Fh
—
1820h 
18A0h
1920h
19A0h
1A20h
1AA0h 
1B20h
1BA0h
186Fh
 
18EFh  
196Fh
19EFh
1A6Fh
  
1AEFh
1B6Fh
1BEFh
1870h
187Fh
Common RAM
(Accesses
70h‐7Fh)
18F0h
18FFh
Common RAM
(Accesses
70h‐7Fh)
1970h
197Fh
Common RAM
(Accesses
70h‐7Fh)
19F0h
19FFh
Common RAM
(Accesses
70h‐7Fh)
1A70h
1A7Fh
Common RAM
(Accesses
70h‐7Fh)
1AF0h
1AFFh
Common RAM
(Accesses
70h‐7Fh)
1B70h
1B7Fh
Common RAM
(Accesses
70h‐7Fh)
1BF0h
1BFFh
Common RAM
(Accesses
70h‐7Fh)
Legend:
                  Unimplemented data memory locations, read as '0'
BANK 54
BANK 55
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
BANK 48
BANK 49
BANK 50
BANK 51
BANK 52
BANK 53
Figure 9-11. Memory Map Banks 56 - 63
1C00h
   
1C0Bh
Core Registers
1C80h
  
1C8Bh
Core Registers
1D00h
  
1D0Bh
Core Registers
1D80h
  
1D8Bh
Core Registers
1E00h
  
1E0Bh
Core Registers
1E80h
  
1E8Bh
Core Registers
1F00h
   
1F0Bh
Core Registers
1F80h
   
1F8Bh
Core Registers
1C0Ch 
1C8Ch
1D0Ch
1D8Ch
1E0Ch
UMTOAP
1E8Ch
1F0Ch
1E0Dh
UMTOAL
1E0Eh
UMTOAH
1E0Fh
1FE4h
STATUS_SHAD
1FE5h
WREG_SHAD
1FE6h
BSR_SHAD
1FE7h
PCLATH_SHAD
1FE8h
FSR0L_SHAD
1FE9h
FSR0H_SHAD
1FEAh
FSR1L_SHAD
1FEBh
FSR1H_SHAD
1FECh
—
1FEDh
STKPTR
1FEEh
TOSL
1C6Fh
1CEFh
1D6Fh
1DEFh
1E6Fh
1EEFh
1F6Fh
1FEFh
TOSH
1C70h
1C7Fh
Common RAM
(Accesses
70h‐7Fh)
1CF0h
1CFFh
Common RAM
(Accesses
70h‐7Fh)
1D70h
1D7Fh
Common RAM
(Accesses
70h‐7Fh)
1DF0h
1DFFh
Common RAM
(Accesses
70h‐7Fh)
1E70h
1E7Fh
Common RAM
(Accesses
70h‐7Fh)
1EF0h
1EFFh
Common RAM
(Accesses
70h‐7Fh)
1F70h
1F7Fh
Common RAM
(Accesses
70h‐7Fh)
1FF0h
1FFFh
Common RAM
(Accesses
70h‐7Fh)
Legend:
                  Unimplemented data memory locations, read as '0'
Unimplemented
Read as '0'
See Table 2 for
register mapping 
details
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
Unimplemented 
Read as '0'
BANK 62
BANK 63
Unimplemented
Read as '0'
1F8Ch
1FE3h
See Table 3 for
register mapping 
details
BANK 61
BANK 56
BANK 57
BANK 58
BANK 59
BANK 60
PIC16F15213/14/23/24/43/44
Memory Organization
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com