Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1717TE/PQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16LF1717TE/PQTP
Description  Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1717TE/PQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16LF1717TE/PQTP Datasheet HTML 17Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 18Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 19Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 20Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 21Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 22Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 23Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 24Page - Microchip Technology PIC16LF1717TE/PQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 482 page
background image
 2014-2020 Microchip Technology Inc.
DS40001740D-page 21
PIC16(L)F1717/8/9
RC4/AN16/SDI(1)/SDA(1)
RC4
TTL/ST CMOS General purpose I/O.
AN16
AN
—
ADC Channel 16 input.
SDI
TTL/ST
—
SPI Data input.
SDA(3)
I2C—
I2C Data input.
RC5/AN17
RC5
TTL/ST CMOS General purpose I/O.
AN17
AN
—
ADC Channel 17 input.
RC6/AN18/CK(1)
RC6
TTL/ST CMOS General purpose I/O.
AN18
AN
—
ADC Channel 18 input.
CK
TTL/ST
EUSART synchronous clock.
RC7/AN19/RX(1)
RC7
TTL/ST CMOS General purpose I/O.
AN19
AN
—
ADC Channel 19 input.
RX
TTL/ST
—
EUSART receive.
RDO/AN20
RD0
TTL/ST CMOS General purpose I/O.
AN20
AN
—
ADC Channel 20 input.
RD1/AN21
RD1
TTL/ST CMOS General purpose I/O.
AN21
AN
—
ADC Channel 21 input.
RD2/AN22
RD2
TTL/ST CMOS General purpose I/O.
AN22
AN
—
ADC Channel 22 input.
RD3/AN23
RD3
TTL/ST CMOS General purpose I/O.
AN23
AN
—
ADC Channel 23 input.
RD4/AN24
RD4
TTL/ST CMOS General purpose I/O.
AN24
AN
—
ADC Channel 24 input.
RD5/AN25
RD5
TTL/ST CMOS General purpose I/O.
AN25
AN
—
ADC Channel 25 input.
RD6/AN26
RD6
TTL/ST CMOS General purpose I/O.
AN26
AN
—
ADC Channel 26 input.
RD7/AN27
RD7
TTL/ST CMOS General purpose I/O.
AN27
AN
—
ADC Channel 27 input.
RE0/AN5
RE0
TTL/ST CMOS General purpose I/O.
AN5
AN
—
ADC Channel 5 input.
RE1/AN6
RE1
TTL/ST CMOS General purpose I/O.
AN6
AN
—
ADC Channel 6 input.
RE2/AN7
RE2
TTL/ST CMOS General purpose I/O.
AN7
AN
—
ADC Channel 7 input.
RE3/MCLR/VPP
RE3
TTL/ST
—
General purpose input.
MCLR
ST
—
Master clear input.
VPP
HV
—
Programming voltage.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-3:
PIC16(L)F1717/9 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal levels
Note 1:
Default peripheral input. Alternate pins can be selected as the peripheral input with the PPS input selection registers.
2:
All pin digital outputs default to PORT latch data. Alternate outputs can be selected as the peripheral digital output with
the PPS output selection registers.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com