Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC595TTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC595TTR
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC595TTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC595TTR Datasheet HTML 3Page - STMicroelectronics M74HC595TTR Datasheet HTML 4Page - STMicroelectronics M74HC595TTR Datasheet HTML 5Page - STMicroelectronics M74HC595TTR Datasheet HTML 6Page - STMicroelectronics M74HC595TTR Datasheet HTML 7Page - STMicroelectronics M74HC595TTR Datasheet HTML 8Page - STMicroelectronics M74HC595TTR Datasheet HTML 9Page - STMicroelectronics M74HC595TTR Datasheet HTML 10Page - STMicroelectronics M74HC595TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID1989 Rev 6
7/22
M74HC595
Electrical characteristics
22
3
Electrical characteristics
Table 4. Absolute maximum ratings(1)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7
V
VI
DC input voltage
-0.5 to VCC + 0.5
VO
DC output voltage
IIK
DC input diode current
± 20
mA
IOK
DC output diode current
IO
DC output current
± 35
ICC or IGND
DC VCC or ground current
± 70
PD
Power dissipation
SOP
500(2)
mW
TSSOP
450(2)
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec.)
300
1. Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under
these conditions is not implied.
2. Power dissipation at 65 °C. Derating from 65 °C to 125 °C: SO package -7 mW/°C; TSSOP package -6.1 mW/°C.
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
VO
Output voltage
Top
Operating temperature
-55 to 125
°C
tr, tf
Input rise and fall time
VCC = 2.0 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
VCC = 6.0 V
0 to 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com