Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF10NC60KD Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGF10NC60KD
Description  10 A, 600 V short-circuit rugged IGBT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NC60KD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGF10NC60KD Datasheet HTML 17Page - STMicroelectronics STGF10NC60KD Datasheet HTML 18Page - STMicroelectronics STGF10NC60KD Datasheet HTML 19Page - STMicroelectronics STGF10NC60KD Datasheet HTML 20Page - STMicroelectronics STGF10NC60KD Datasheet HTML 21Page - STMicroelectronics STGF10NC60KD Datasheet HTML 22Page - STMicroelectronics STGF10NC60KD Datasheet HTML 23Page - STMicroelectronics STGF10NC60KD Datasheet HTML 24Page - STMicroelectronics STGF10NC60KD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
STGB10NC60KDT4, STGD10NC60KDT4,
STGF10NC60KD, STGP10NC60KD
Package information
DocID11423 Rev 7
21/30
Table 12: TO-220FP package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.4
4.6
B
2.5
2.7
D
2.5
2.75
E
0.45
0.7
F
0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com