Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN1M50T-H Datasheet(PDF) 18 Page - STMicroelectronics

Part # IPN1M50T-H
Description  SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN1M50T-H Datasheet(HTML) 18 Page - STMicroelectronics

Back Button IPN1M50T-H Datasheet HTML 14Page - STMicroelectronics IPN1M50T-H Datasheet HTML 15Page - STMicroelectronics IPN1M50T-H Datasheet HTML 16Page - STMicroelectronics IPN1M50T-H Datasheet HTML 17Page - STMicroelectronics IPN1M50T-H Datasheet HTML 18Page - STMicroelectronics IPN1M50T-H Datasheet HTML 19Page - STMicroelectronics IPN1M50T-H Datasheet HTML 20Page - STMicroelectronics IPN1M50T-H Datasheet HTML 21Page - STMicroelectronics IPN1M50T-H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
NDIP-26L type C package information
Figure 12. NDIP-26L type C package outline
8278949_7
STIPN1M50T-H
Package information
DS11494 - Rev 6
page 18/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com