Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAC0530 Datasheet(PDF) 2 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSAC0530
Description  Molding Power Choke
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSAC0530 Datasheet(HTML) 2 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSAC0530 Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530 Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 / 13
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSAC0530 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
4 Saturation Current vs Temperature Rise Current Curve
0
10
20
30
40
50
60
70
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
9.0
18.0
27.0
36.0
45.0
CSAC0530-R10M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.0
6.0
12.0
18.0
24.0
30.0
CSAC0530-R22M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.06
0.12
0.18
0.24
0.30
0.36
0.42
0.0
5.0
10.0
15.0
20.0
25.0
CSAC0530-R33M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.08
0.16
0.24
0.32
0.40
0.48
0.56
0.0
4.0
8.0
12.0
16.0
20.0
CSAC0530-R47M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.12
0.24
0.36
0.48
0.60
0.72
0.84
0.0
3.0
6.0
9.0
12.0
15.0
CSAC0530-R68M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.15
0.30
0.45
0.60
0.75
0.90
1.05
0.0
3.0
6.0
9.0
12.0
15.0
CSAC0530-R82M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.0
3.0
6.0
9.0
12.0
15.0
CSAC0530-1R0M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.0
2.4
4.8
7.2
9.6
12.0
CSAC0530-1R2M
L(
μH)
ΔT(℃)
Idc(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com