Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAC0530-R22M Datasheet(PDF) 12 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSAC0530-R22M
Description  Molding Power Choke
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSAC0530-R22M Datasheet(HTML) 12 Page - Shenzhen Codaca Electronic Co.,Ltd

Back Button CSAC0530-R22M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 10Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 11Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 12Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R22M Datasheet HTML 13Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12 / 13
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSAC0530 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
8 Soldering Specification
8.1 Reflow Profile for SMT Components
8.2 Classification of Peak Package Body Temperature (TP)
Package Thickness
Package Volume
<350 mm
3
350
~2000 mm3
>2000 mm
3
PB-Free Assembly
<1.6mm
260
℃
260
℃
260
℃
1.6
~2.5mm
260
℃
250
℃
245
℃
≥2.5mm
250
℃
245
℃
245
℃
※ Reflow is referred to standard IPC/JEDEC J-STD-020E.
480s Max.
(Time of 25℃ to peak temperature)
25
Preheat Area
TS Max.
200
℃
TS Min.
150
℃
tS
60~120s
Max. Ramp Up Rate = 3
℃/s
Max. Ramp Down Rate = 6
℃/s
TP
TL
217
℃
TC
-5
℃
tP
20~30s
tL
60~150s
T(
℃)
t(
s)
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com