Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAC0530-R47M Datasheet(PDF) 11 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSAC0530-R47M
Description  Molding Power Choke
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSAC0530-R47M Datasheet(HTML) 11 Page - Shenzhen Codaca Electronic Co.,Ltd

Back Button CSAC0530-R47M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 10Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 11Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 12Page - Shenzhen Codaca Electronic Co.,Ltd CSAC0530-R47M Datasheet HTML 13Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 / 13
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSAC0530 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
7 Packing Specification
7.1 Carrier Tape Dimensions (mm)
Φ1.5
2.0±0.1
4.0±0.1
1.75±0.1
+0.1
-0
A-A
8.0±0.1
A
B
A
12.0±0.3
5.5±0.1
(4.75)
B
0.35±0.05
B-B
5.6±0.1
3.20±0.1
3.40Ref
5.5±0.1
※ Packing is referred to the international standard IEC 60286-3.
7.2 Reel Dimensions (mm)
100 Min.
21.0±0.8
13.0±0.5
2.0±0.5
W1
12.4
18.4Max
W2
330±2.0
11.9Min
W3
+2.0
-0
7.3 Carton Dimensions and Packing Quantity
■ Inner Carton
:340×340×95mm
■ Outer Carton
:360×360×370mm
Product Series
Quantity / Reel
Inner Carton Quantity
Outer Carton Quantity
CSAC0530
2000pcs
(2000
×4) = 8000pcs
(8000
×3) = 24000pcs
Cover tape peeling off condition
■ Cover tape peeling force shall be 0.1 to 1.3N.
■Reference peeling speed 300±10mm/min.
Label
Cover tape
Sprocket hole
Unreeling direction
165°~180°
Carrier tape
Unreeling direction
Cover tape
Pull direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com