Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7461 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC7461
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7461 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC7461 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Silan
Semiconductors
SC7461
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.2
2002-02-28.
3
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Characteristic
Symbol
Description
Value
Unit
Maximum Supply Voltage
VDD(max)
VDD
Vss-0.3~10
V
Input Voltage
VIN
Each Input pin
Vss-0.3~VDD+0.3
V
Output Voltage
VOUT
--
Vss-0.3~VDD+0.3
V
Output Current
IOUT
OUT
-35
mA
Allowable Power Dissipation
Pd(max)
Ta<=85
°C
150
mW
Storage Temperature
Tstg
--
-40~+125
°C
Operating Temperature
Topr
--
-10~+70
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C,VDD=3.0V,unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Operating Supply Current
IDD
Key ON, Output: no load
1
mA
Quiescent Supply Current
IDS
All keys OFF, OSC stops
1
µA
IOH1
VDD=1.8V, VOH=1.0V
-8
mA
High Level Output Current
IOH2
VDD=3.0V, VOH=2.0V
-25
mA
High Level Output Voltage
VOH
IOH=1mA
2.4
V
Low Level Output Voltage
VOL
IOL=1mA
0.2
V
Output OFF-State Leakage Current
IOFF
--
1
µA
Custom Code High Level Input Current
IIH
VIN=VDD
1
µA
Custom Code Low Level Input Current
IIL
VIN=VSS
-1
µA
Input Floating Voltage
VIF
--
0.1VDD
V
Input Pull-Down Resistance
RIN
--
75
100
125
k
Ω
RECOMMENDED OPERATING CONDITIONS
(Tamb=25
°C, fosc=455kHz,unless otherwise specified)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
2.0
3.0
3.3
V
High Level Input Voltage
VIH
0.7VDD
VDD
V
Low Level Input Voltage
VIL
Vss
0.3VDD
V
Oscillation Frequency
fosc
400
455
500
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com