Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS40C
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS40C Datasheet HTML 1Page - Pan Jit International Inc. BAS40C Datasheet HTML 2Page - Pan Jit International Inc. BAS40C Datasheet HTML 3Page - Pan Jit International Inc. BAS40C Datasheet HTML 4Page - Pan Jit International Inc. BAS40C Datasheet HTML 5Page - Pan Jit International Inc. BAS40C Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
March 16,2021
BAS40_SERIES-REV.03
BAS40 SERIES
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
40 Volt
0.2 Ampere
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• High conductor
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
CURRENT
SINGLE
COMMON CATHODE
SERIES
COMMON ANODE
ABSOLUTE RATINGS
PA RA ME TE R
S ymbol
B A S 40
BA S40A
B AS40C
BAS40S
Units
Ma rki ng C o de
S 4 0
S42
S43
S44
Re ve rse Voltag e
V
R
40
V
P e ak Reverse Vo ltag e
V
RRM
40
V
Average Re ctified C urrent at Temp=25OCI
F(AV )
0.2
A
No n-re pe ti ti ve P ea k F orwa rd S urge C urre nt a t t=1.0 s
I
FS M
0.6
A
THERMAL CHARACTERISTICS
PA RAME TER
Symbol
B A S40
B A S40 A
B AS 40C
BA S 40S
Uni ts
Power D i ssi pati on
P
TOT
225
mW
Thermal Resi stance , Juncti on to Ambi ent
R
θJA
556
O
C/W
Juncti on Temperature
T
J
-55 to 150
O
C
S torage Temp erature at Te mp=25OCT
STG
-55 to 150
O
C
C i rcui t F i gure
S INGLE
COMMON
A NOD E
C OMMON
CATHOD E
SE RIE S
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - BAS40C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAS40C RECTRON-BAS40C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40C WTE-BAS40C Datasheet
60Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40C PANJIT-BAS40C Datasheet
87Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS40C PANJIT-BAS40C Datasheet
140Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
BAS40C WTE-BAS40C Datasheet
96Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
More results

Similar Description - BAS40C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com