Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDRE848 Datasheet(PDF) 1 Page - Belden Inc.

Part # GDRE848
Description  Outdoor Loose Tube 48 Fibers G652D/G657A1-OS2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GDRE848 Datasheet(HTML) 1 Page - Belden Inc.

  GDRE848 Datasheet HTML 1Page - Belden Inc. GDRE848 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GDRE848
Outdoor Loose Tube 48 Fibers G652D/G657A1-OS2
Product Description
Outdoor Filled Core Rodent Protection Multi Loose Tube Optical Cable 48 x 9/125-G652D/G657A1-OS2 A-DF(ZN)B2Y
Technical Specifications
Product Overview
Construction Type:
Multi Loose Tube
Environmental Space:
Outdoor
Suitable Applications:
For outdoor and indoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For outdoor and
indoor use in networks for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and/or tubes.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
Subunit Color
OS2
G652D & G657A1
48
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black, Yellow, Violet, Pink, Aqua
Central Strength Member:
GRP
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
177 kg/km
SubUnit Specifications
Number of Active
Subunits:
4
Number of Subunit
Positions:
6
Fibers Per Subunit:
12
Subunit Diameter:
0.098 in (2.5 mm)
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PE - Polyethylene Black
14.6 mm
Yes
Optical Characteristics
Fiber Core Diameter:
9 µm
Max. Attenuation at 1310
nm:
0.40 dB/km


Similar Part No. - GDRE848

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GDRE896 BELDEN-GDRE896 Datasheet
141Kb / 2P
Outdoor Loose Tube 96 Fibers G652D/G657A1-OS2
11-09-2022
GDRE896.002100 BELDEN-GDRE896.002100 Datasheet
141Kb / 2P
Outdoor Loose Tube 96 Fibers G652D/G657A1-OS2
11-09-2022
More results

Similar Description - GDRE848

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GDAD812 BELDEN-GDAD812 Datasheet
140Kb / 2P
Outdoor Loose Tube 12 Fibers G652D/G657A1-OS2
2023 Belden, Inc
GBAF844 BELDEN-GBAF844 Datasheet
145Kb / 2P
Outdoor Loose Tube 144 Fibers G652D/G657A1-OS2
11-09-2022
GBRD824 BELDEN-GBRD824 Datasheet
154Kb / 2P
Outdoor Loose Tube 24 Fibers G652D/G657A1-OS2
11-09-2022
GBRD848 BELDEN-GBRD848 Datasheet
154Kb / 2P
Outdoor Loose Tube 48 Fibers G652D/G657A1-OS2
11-09-2022
GBRD860 BELDEN-GBRD860 Datasheet
154Kb / 2P
Outdoor Loose Tube 60 Fibers G652D/G657A1-OS2
11-09-2022
GBRD872 BELDEN-GBRD872 Datasheet
154Kb / 2P
Outdoor Loose Tube 72 Fibers G652D/G657A1-OS2
11-09-2022
GBRF844 BELDEN-GBRF844 Datasheet
141Kb / 2P
Outdoor Loose Tube 144 Fibers G652D/G657A1-OS2
11-09-2022
GCAD848 BELDEN-GCAD848 Datasheet
154Kb / 2P
Indoor/Outdoor Loose Tube 48 Fibers G652D/G657A1-OS2
12-19-2022
GDAD824 BELDEN-GDAD824 Datasheet
153Kb / 2P
Outdoor Loose Tube 24 Fibers G652D/G657A1-OS2
11-09-2022
GDAE896 BELDEN-GDAE896 Datasheet
141Kb / 2P
Outdoor Loose Tube 96 Fibers G652D/G657A1-OS2
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com