Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M Datasheet(PDF) 21 Page - STMicroelectronics

Part # L78M
Description  Precision 500 mA regulators
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L78M_V01 Datasheet HTML 17Page - STMicroelectronics L78M_V01 Datasheet HTML 18Page - STMicroelectronics L78M_V01 Datasheet HTML 19Page - STMicroelectronics L78M_V01 Datasheet HTML 20Page - STMicroelectronics L78M_V01 Datasheet HTML 21Page - STMicroelectronics L78M_V01 Datasheet HTML 22Page - STMicroelectronics L78M_V01 Datasheet HTML 23Page - STMicroelectronics L78M_V01 Datasheet HTML 24Page - STMicroelectronics L78M_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Figure 25. High input voltage circuit
VIN = VI - (VZ + VBE)
AMG080320171815MT
Figure 26. Reducing power dissipation with dropping resistor
V
-V -V
R = __
I(mi
___
n)____
XX___DRO
____
P(max)
____
IO(max)+Id(max)
AMG080320171816MT
Figure 27. Power AM modulator (unity voltage gain, IO ≤ 0.5)
AMG080320171817MT
Note:
The circuit performs well up to 100 kHz.
L78M
Design considerations
DS0425 - Rev 24
page 21/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com