Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L78
Description  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L78 Datasheet HTML 26Page - STMicroelectronics L78 Datasheet HTML 27Page - STMicroelectronics L78 Datasheet HTML 28Page - STMicroelectronics L78 Datasheet HTML 29Page - STMicroelectronics L78 Datasheet HTML 30Page - STMicroelectronics L78 Datasheet HTML 31Page - STMicroelectronics L78 Datasheet HTML 32Page - STMicroelectronics L78 Datasheet HTML 33Page - STMicroelectronics L78 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
7
Typical performance
Figure 29. Dropout voltage vs junction temperature
VI-Vo
(V)
-75
2
-50
-25
0
25
50
75
100
125
Tj (°C)
L78XX
GAMG200920161325MT
0
1.5
1
0.5
I
O
= 1 A
I = 500
mA
I = 200
mA
I = 20
mA
I = 0 mA
∆VO = 5% of VO
DROPOUT CONDITIONS
O
O
O
O
Figure 30. Peak output current vs input/output differential
voltage
Io(A)
0
2.5
2
5
10
15
20
25
Vi-VO (V)
L7805
GAMG200920161324MT
1.5
1
0.5
Tj =
55
°C
Tj =
0 °C
Tj =
125
°C
Tj
= 150
°C
Tj
= 25
°C
Figure 31. Supply voltage rejection vs frequency
Vi = 8 V to 18 V
Vo = 5 V
Tj = 25 °C
Io = 500 mA
L7805
SVR
(dB)
20
0
10
102
103
104
f (Hz)
GAMG200920161322MT
40
60
80
Figure 32. Output voltage vs junction temperature
Vo
(V)
-75
12.1
12.0
-50
-25
0
25
50
75
100
125
Tj (°C)
Vi = 19 V
Vo = 12 V
Io = 20 mA
L7812
GAMG200920161323MT
11.9
11.8
L78
Typical performance
DS0422 - Rev 36
page 30/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com