Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305EP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 20Page - STMicroelectronics L9305EP Datasheet HTML 21Page - STMicroelectronics L9305EP Datasheet HTML 22Page - STMicroelectronics L9305EP Datasheet HTML 23Page - STMicroelectronics L9305EP Datasheet HTML 24Page - STMicroelectronics L9305EP Datasheet HTML 25Page - STMicroelectronics L9305EP Datasheet HTML 26Page - STMicroelectronics L9305EP Datasheet HTML 27Page - STMicroelectronics L9305EP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
•
TRANSITION TIME: Too long PWM period detection: if the current PWM time exceeds this threshold, the
controller enters the transient state. It can be programmed as follows:
–
If TRANSITION TIME = 0 →
TRANSTIME=2,5*TPWM
–
If TRANSITION TIME = 1 →
TRANSTIME=4,5*TPWM
–
If TRANSITION TIME = 2 →
TRANSTIME=8,5*TPWM
–
If TRANSITION TIME = 3 →
TRANSTIME=16,5*TPWM
6.1.6
Chopper offset compensation of current sense amplifier
This function cancels the input offset of the current sense amplifier by converting the DC input offset voltage to an
AC noise at the chopper frequency. Function is normally enabled and can be disabled by the user via SPI register
(OFS_CMP_DIS D[14] in Channel_x.CONFIGURATION1 register).
6.1.7
Staggered channel activation
Staggered channel operation is enabled by the user through the SPI Service Enable register, SERVENA (Stagger
Enable bit D[0]). When staggered operation is enabled and the targeted regulated current is achieved, the PWM
switch-on points is staggered per the following sequence:
•
Channel 0 → 0° phase advance; reference channel
•
Channel 1 → 90° phase advance
•
Channel 2 → 180° phase advance
•
Channel 3 → 270° phase advance
This function is specific to fixed frequency current control and is disabled in variable frequency mode.
6.1.8
Parallel mode
The 4 channels can be configured to work in parallel mode to allow regulation of higher current set-points: this
option is suitable for example in applications where setting HILOAD = 1 is not enough to match targets.
Channel parallelization can be enabled only for fixed channel pairs:
•
ch0 can be put in parallel with ch1 only
•
ch2 can be put in parallel with ch3 only
In parallel mode one channel acts as a master (ch0, ch2) and the other as a slave (ch1, ch3): both channel
current sense measurements are kept active to measure load current split between channel pair: the two
measurements are combined and used to close control loop on master logic only.
Configuration of parallel mode is done through master channel registers and in detail the following master
parameters are valid for both channels, overwriting slave channel configuration (if any):
•
Current set-point,
•
Dither parameters,
•
Control loop parameters (Ki, Kp, fix/var frequency mode selector, Kfi, etc…)
As a consequence of the described implementation, the resulting resolution of the current and dither set-point
registers is doubled since target value is applied on both channels in parallel: it means that in parallel mode
1 LSB = 0.5 mA instead of default 0.25 mA.
Feedback of measured average current is kept distinguished like in normal operation and available for each
channel on its own register with nominal LSB of 0.25 mA. The same applies for HS-LS compare check and
applied offset compensation.
The following parameters are kept independent between master and slave channels and particular attention must
be paid for proper configuration settings:
•
HW/SW mode selection
•
HS/LS configuration
•
INx/NDISx functionality
•
diagnostic
•
calibration data
•
offset compensation
L9305
Hardware current control
DS12774 - Rev 8
page 24/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com