Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305QFP Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9305QFP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305QFP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9305QFP Datasheet HTML 35Page - STMicroelectronics L9305QFP Datasheet HTML 36Page - STMicroelectronics L9305QFP Datasheet HTML 37Page - STMicroelectronics L9305QFP Datasheet HTML 38Page - STMicroelectronics L9305QFP Datasheet HTML 39Page - STMicroelectronics L9305QFP Datasheet HTML 40Page - STMicroelectronics L9305QFP Datasheet HTML 41Page - STMicroelectronics L9305QFP Datasheet HTML 42Page - STMicroelectronics L9305QFP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
8.1
Power supply monitoring and diagnostics
8.1.1
VDD over and under voltage diagnostics
The VDD power supply input pin is continuously monitored for over and under voltage conditions by comparing
the input voltage with an independent reference. In addition to the static voltage monitoring function, the L9305
includes a self-test to verify the proper operation of the comparator and fault logic thus preventing latent faults
from influencing device operation. The self-test is run automatically after a power on reset event. Upon detecting
a fault, the corresponding fault bits are set as summarized below.
Table 23. VDD Fault Summary
Register
Location
Bit Name
SERVFLT1
D4
VDD Under Voltage
SERVFLT1
D5
VDD Over Voltage
SERVFLT2
D6
VDD UV Self Test
SERVFLT2
D7
VDD OV Self Test
A VDD under voltage fault will disable all solenoid drivers and the fail-safe pre-driver. The fault is clear on SPI
read but solenoid and fail safe operation must be re-enabled through the SPI.
In case of overvoltage on VDD, fault information is available on SPI, but no action is executed on the solenoid
drivers and the fail-safe pre-driver. The fault is clear on SPI read.
8.1.2
VBATP supply over voltage
The VBATP power supply input pin is continuously monitored for an over voltage condition by comparing the input
voltage with an independent reference. In addition to the static voltage monitoring function, the L9305 includes
a self-test to verify the proper operation of the comparator and fault logic thus preventing latent faults from
influencing device operation. The self-test is run automatically after a power on reset event. Upon detecting a
fault, the corresponding fault bits are set as summarized below.
Table 24. VBATP Fault Summary
Register
Location
Bit Name
SERVFLT1
D1
VBATP over voltage
SERVFLT2
D4
VBATP over voltage self-test
A VBATP over voltage fault will disable all solenoid drivers and the failsafe pre-driver. The fault is clear on SPI
read but solenoid and fail safe operation must be re-enabled through the SPI.
8.1.3
VCP supply under voltage
The VCP charge pump power supply is continuously monitored for an under voltage condition by comparing
the input voltage with an independent reference. Upon detecting a fault, the corresponding fault bit is set as
summarized below.
Table 25. Charge pump fault summary
Register
Location
Bit Name
SERVFLT1
D3
CP under voltage
A VCP under voltage fault will disable all solenoid drivers and the failsafe pre-driver. The fault is cleared on SPI
read but solenoid and fail safe operation must be re-enabled through the SPI.
L9305
Power supply monitoring and diagnostics
DS12774 - Rev 8
page 39/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com