Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ100GPTR Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99DZ100GPTR
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GPTR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99DZ100GPTR Datasheet HTML 69Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 70Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 71Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 72Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 73Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 74Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 75Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 76Page - STMicroelectronics L99DZ100GPTR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 197 page
background image
DS11546 Rev 5
73/197
L99DZ100G, L99DZ100GP
Application information
196
4.3.2
Flash modes
To program the system microcontroller via LIN or HS CAN bus signals, the devices can be
operated in LIN Flash mode or CAN Flash mode. The watchdog is disabled in these modes.
The Flash modes are entered by applying an external voltage at the respective pin:
VTxDL ≥ VFlashH (CAN Flash mode)
VTxDC ≥ VFlashH (LIN Flash mode)
In CAN Flash mode the CAN transceiver is set in TRX bias mode
(CAN_GO_TO_TRX_RDY = 1) and TRX Normal mode automatically
During CAN Flash mode, the watchdog can be deactivated by setting CR34: WDEN = 0.
Write access to this bit is only possible during CAN Flash mode in order to prevent
accidental deactivation of the watchdog. After setting WDEN (CR 34) the CAN Flash mode
can be left (VTxDL < VFlashL) and the Watchdog will remain deactivated (see Figure 21)
Figure 21. Sequence to disable/enable the watchdog in CAN Flash mode
In LIN Flash mode the maximum bitrate is increased to 100 kbit/s automatically
(LIN_HS_EN = 1).
A transition from Flash modes to V1_standby or Vbat_standby mode is not possible.
At exit from Flash modes (VTxDL < VFlashL, VTxDC < VFlashL) no NReset pulse is generated.
The watchdog starts with a Long Open Window (tLW).
Note:
Setting both TxDL and TxDC to high voltage levels (> VFlashH) is not allowed.
Communication at the respective TxD pin is not possible.
4.3.3
SW-debug mode
To allow software debugging, the watchdog can be deactivated by applying an external
voltage to the DEBUG input pin (Vdebug > VdiH).
In Debug mode, all device functionality and Operating modes are available. The watchdog
is deactivated. At Exit from Debug mode (Vdebug < VdiL) the watchdog starts with a Long
Open Window.
Note:
The device includes a test mode. This mode is activated by a dedicated sequence which
includes a high voltage at the Debug Pin. The Debug Pin must be kept at nominal voltage
levels in order to avoid accidental activation of the test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com