Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMAV340 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STMAV340
Description  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 Datasheet(HTML) 3 Page - STMicroelectronics

  STMAV340 Datasheet HTML 1Page - STMicroelectronics STMAV340 Datasheet HTML 2Page - STMicroelectronics STMAV340 Datasheet HTML 3Page - STMicroelectronics STMAV340 Datasheet HTML 4Page - STMicroelectronics STMAV340 Datasheet HTML 5Page - STMicroelectronics STMAV340 Datasheet HTML 6Page - STMicroelectronics STMAV340 Datasheet HTML 7Page - STMicroelectronics STMAV340 Datasheet HTML 8Page - STMicroelectronics STMAV340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STMAV340
1 Summary Description
3/21
1
Summary Description
1.1
Functional Description
The STMAV340 is a high bandwidth, analog video switch. It is low ON-resistance and low I/O
capacitance result in a very small propagation delay.
When OE_N is set to LOW, the select (S) pin connects port A to the selected port B or port C
output. When OE_N is set to HIGH, the switch is OPEN and a high-impedance state exists
between the A port and B/C ports.
Low differential gain and phase make this switch ideal for component and RGB video
applications. This device has high bandwith and low crosstalk, making it ideal for high
frequency applications as well.
Figure 1.
Functional Diagram
Flow Cont rol
1A
2A
3A
4A
1B
1C
2B
2C
3B
3C
4B
4C
OE_N
S
Flow Cont rol
1A
2A
3A
4A
1B
1C
2B
2C
3B
3C
4B
4C
OE_N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com