Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R06D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH30R06D
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R06D Datasheet(HTML) 7 Page - STMicroelectronics

  STTH30R06D Datasheet HTML 1Page - STMicroelectronics STTH30R06D Datasheet HTML 2Page - STMicroelectronics STTH30R06D Datasheet HTML 3Page - STMicroelectronics STTH30R06D Datasheet HTML 4Page - STMicroelectronics STTH30R06D Datasheet HTML 5Page - STMicroelectronics STTH30R06D Datasheet HTML 6Page - STMicroelectronics STTH30R06D Datasheet HTML 7Page - STMicroelectronics STTH30R06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH30R06
7/8
Table 7: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.55 m.N. (TO-220AC)
■ Maximum torque value: 0.70 m.N. (TO-220AC)
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH30R06D
STTH30R06D
TO-220AC
1.90 g
50
Tube
STTH30R06W
STTH30R06W
DO-247
4.40 g
30
Tube
STTH30R06P
STTH30R06P
SOD-93
3.79 g
30
Tube
STTH30R06PI
STTH30R06PI
DOP3I
4.46 g
30
Tube
Table 8: Revision History
Date
Revision
Description of Changes
18-Oct-2004
1
First issue



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com