Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R06PI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH30R06PI
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R06PI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH30R06PI Datasheet HTML 1Page - STMicroelectronics STTH30R06PI Datasheet HTML 2Page - STMicroelectronics STTH30R06PI Datasheet HTML 3Page - STMicroelectronics STTH30R06PI Datasheet HTML 4Page - STMicroelectronics STTH30R06PI Datasheet HTML 5Page - STMicroelectronics STTH30R06PI Datasheet HTML 6Page - STMicroelectronics STTH30R06PI Datasheet HTML 7Page - STMicroelectronics STTH30R06PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH30R06
2/8
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 1.07 x IF(AV) + 0.011 IF
2
(RMS)
Table 6: Dynamic Characteristics
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case
TO-220AC / DO-247/ SOD-93
1.1
°C/W
DOP3I
1.7
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current Tj = 25°C
VR = VRRM
25
µA
Tj = 150°C
80
800
VF **
Forward voltage drop
Tj = 25°C
IF = 30A
1.85
V
Tj = 150°C
1.10
1.40
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 0.5A Irr = 0.25A IR =1A
50
ns
IF = 1A dIF/dt = 50 A/µs VR =30V
50
70
IRM
Reverse recovery
current
Tj = 125°C IF = 30A
VR = 400V
dIF/dt = 100 A/µs
811
A
tfr
Forward recovery
time
Tj = 25°C
IF = 30A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
500
ns
VFP
Forward recovery
voltage
Tj = 25°C
IF = 30A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
2.5
V
Figure 1: Conduction losses versus average
forward current
Figure 2: Forward voltage drop versus forward
current
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
30
35
P(W)
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
I
(A)
FM
V
(V)
FM
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com